Electronic Components Datasheet Search
  English  ▼

X  

TLC320AC02 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLC320AC02
Description  Single-Supply Analog Interface Circuit
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AC02 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC320AC02 Datasheet HTML 17Page - Texas Instruments TLC320AC02 Datasheet HTML 18Page - Texas Instruments TLC320AC02 Datasheet HTML 19Page - Texas Instruments TLC320AC02 Datasheet HTML 20Page - Texas Instruments TLC320AC02 Datasheet HTML 21Page - Texas Instruments TLC320AC02 Datasheet HTML 22Page - Texas Instruments TLC320AC02 Datasheet HTML 23Page - Texas Instruments TLC320AC02 Datasheet HTML 24Page - Texas Instruments TLC320AC02 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 93 page
background image
2–8
The first secondary frame-sync falling edge, therefore, occurs at the following time (see
equation 7):
Time to first secondary frame sync
+
B register value
2
(FCLK periods)
+
(7)
A register value
B register value (number of MCLK periods)
+
A register value
B register value
4
(number of SCLK periods)
6.
Number of frame sync intervals using equation 8.
All master and slave primary frame sync intervals must occur within the time of equation 7.
Since 18 shift clocks are required for each frame sync interval, then the number of frame sync
intervals from equation 8 is:
Number of frame sync intervals
+
A register value
B register value
4
18 (SCLKs frame sync interval)
(8)
+
A register value
B register value
72
7.
Number of devices, master and slave, in terms of f(MCLK) and fs.
Substituting the value from equation 5 for the A
× B register value product gives the total number
of devices, including the master and all slaves that can be used, for a given master clock and
sampling frequency. Therefore, using equation 9:
Number of devices
+
f(MCLK)
144
fs
(9)
8.
Number of devices, master and slave, if slave devices are reprogrammed.
Equation 9 does not include reprogramming the slave devices after the frame sync delay occurs.
So if programming is required after shifting the slave frame syncs by the FSD register, then the
total number of devices is given by equation 10 is:
Number of devices
+
f(MCLK)
288
fs
(10)
9.
Example of the maximum number of devices if the slave devices are reprogrammed assuming
the following values:
f(MCLK)
+ 10.368 MHz, fs + 8kHz
then from equation 10,
Maximum number of devices
+ 10.368 MHz
288 (8kHz)
+ 4.5
therefore, one master and three slaves can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com