Electronic Components Datasheet Search
  English  ▼

X  

QMS12ST Datasheet(PDF) 2 Page - Qualwave Inc. All rights reserved.

Part # QMS12ST
Description  Coaxial Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALWAVE [Qualwave Inc. All rights reserved.]
Direct Link  http://www.qualwave.com/index.htm
Logo QUALWAVE - Qualwave Inc. All rights reserved.

QMS12ST Datasheet(HTML) 2 Page - Qualwave Inc. All rights reserved.

  QMS12ST Datasheet HTML 1Page - Qualwave Inc. All rights reserved. QMS12ST Datasheet HTML 2Page - Qualwave Inc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Coaxial Switches
Qualwave Inc.
+86-28-6115-4929
sales@qualwave.com
www.qualwave.com
Rev 1.7
2
Numbering
Normally open
Pin
Function
Pin
Function
1~12
V1~V12
14~15
NC
13
COM
Normally open & TTL
Pin
Function
Pin
Function
1~12
TTL
14
COM
13
VDC
15
NC
Latching
Pin
Function
Pin
Function
1~12
V1~V12
14
COM
13
RESET
15
NC
Latching switch should power on pin 13 to reset before excitation.
Latching & TTL
Pin
Function
Pin
Function
1~12
TTL
14
VDC
13
RESET
15
COM
Latching switch should power on pin 13 to reset before excitation.
How To Order
QMSVST-F-WXYZ
V: 11~12 (SP11T~SP12T)
F: Frequency in GHz
W: Actuator Type. Latching: 1, Normally Open: 3.
X: Voltage. +12V: E, +24V: K, +28V: M.
Y: Power Interface. D-Sub: 1.
Z: Additional Options.
Examples:
To order a SP12T terminated switch, DC-18GHz, Normally Open,
+12V, D-Sub, TTL, Indicators, specify QMS12ST-18-3E1TI.
Customization is available upon request.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com