Electronic Components Datasheet Search
  English  ▼

X  

LWV18C Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LWV18C
Description  FIREFLY짰 White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWV18C Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LWV18C Datasheet HTML 7Page - OSRAM GmbH LWV18C Datasheet HTML 8Page - OSRAM GmbH LWV18C Datasheet HTML 9Page - OSRAM GmbH LWV18C Datasheet HTML 10Page - OSRAM GmbH LWV18C Datasheet HTML 11Page - OSRAM GmbH LWV18C Datasheet HTML 12Page - OSRAM GmbH LWV18C Datasheet HTML 13Page - OSRAM GmbH LWV18C Datasheet HTML 14Page - OSRAM GmbH LWV18C Datasheet HTML 15Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
2007-08-10
12
LW V18C
Barcode-Produkt-Etikett (BPL)
Barcode-Product-Label (BPL)
Gurtverpackung
Tape and Reel
Tape dimensions in mm (inch)
W
P0
P1
P2
D0
E
F
4
± 0.1
(0.157
± 0.004)
4
± 0.1
(0.157
± 0.004)
2
± 0.05
(0.079
± 0.002)
1.5
+ 0.1
(0.059
+ 0.004)
1.75
± 0.1
(0.069
± 0.004)
3.5
± 0.05
(0.138
± 0.002)
Reel dimensions in mm (inch)
A
W
Nmin
W1
W2 max
180 (7)
8 (0.315)
60 (2.362)
8.4
+ 2 (0.331 + 0.079)
14.4 (0.567)
OHA12043
X - X - X
(G) GROUP:
Lot Number
(1T) LOT NO:
(9D) D/C: Date Code
(X) PROD NO: Product Code
(6P) BATCH NO: Batch Number
Lx xxxx
Product Name
RoHS Compliant
Bin1: Bin Information Color 1
Bin2:
Bin3:
ML
2
Temp ST
260 C RT
Additional TEXT
R077
DEMY
PACKVAR: Packing Type
Product Quantity per Reel
(Q)QTY:
Semiconductors
OSRAM Opto
Wavelength Group
Forward Voltage Group
Brightness Group
Bar Code
Bar Code
Bar Code
D
0
2
P
P
0
1
P
Direction of unreeling
W1
2
W
OHAY0324
Label
Gurtvorlauf:
Leader:
Trailer:
Gurtende:
Direction of unreeling
160 mm
160 mm
400 mm
400 mm
8 + 0.3
– 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com