Electronic Components Datasheet Search
  English  ▼

X  

ADS5281PFPR Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS5281PFPR
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5281PFPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS5281PFPR Datasheet HTML 8Page - Texas Instruments ADS5281PFPR Datasheet HTML 9Page - Texas Instruments ADS5281PFPR Datasheet HTML 10Page - Texas Instruments ADS5281PFPR Datasheet HTML 11Page - Texas Instruments ADS5281PFPR Datasheet HTML 12Page - Texas Instruments ADS5281PFPR Datasheet HTML 13Page - Texas Instruments ADS5281PFPR Datasheet HTML 14Page - Texas Instruments ADS5281PFPR Datasheet HTML 15Page - Texas Instruments ADS5281PFPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
www.ti.com
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9 D10 D11 D0
D1
D2
D3
D4
D5 D6
D7
D8
D9 D10 D11
D0
D1
D2
D3
D4 D5
D6
D7
D8
D9 D10 D11
Sample n
Sample n+12
t
PROP
t (A)
D
12clockslatency
AnalogInput
ClockInput
6XADCLK
LCLK
N
LCLK
P
1XADCLK
ADCLK
N
ADCLK
P
SERIAL DATA
OUT
P
OUT
N
t
SAMPLE
Sample n+13
t
H1
t
SU1
t
H2
t
SU2
LCLK
N
LCLK
P
OUT
N
OUT
P
TIMING CHARACTERISTICS
(1) (2)
ADS5281
ADS5282
SBAS397E – DECEMBER 2006 – REVISED JANUARY 2008
LVDS TIMING DIAGRAM
DEFINITION OF SETUP AND HOLD TIMES
tSU = min(tSU1, tSU2)
tH = min(tH1, tH2)
ADS528x
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tA
Aperture delay
1.5
4.5
ns
Aperture delay variation
Channel-to-channel within the same device (3
σ)
±20
ps
tJ
Aperture jitter
400
fs
Time to valid data after coming out of
50
µs
COMPLETE POWER-DOWN mode
Time to valid data after coming out of PARTIAL
tWAKE
Wake-up time
POWER-DOWN mode (with clock continuing to
2
µs
run during power-down)
Time to valid data after stopping and restarting
40
µs
the input clock
Clock
Data latency
12
cycles
(1)
Timing characteristics are common to the ADS528x family.
(2)
Timing parameters are ensured by design and characterization; not production tested.
12
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com