Electronic Components Datasheet Search
  English  ▼

X  

KA2-2135 Datasheet(PDF) 1 Page - ABB

Part # KA2-2135
Description  LED bulb
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

KA2-2135 Datasheet(HTML) 1 Page - ABB

  KA2-2135 Datasheet HTML 1Page - ABB KA2-2135 Datasheet HTML 2Page - ABB KA2-2135 Datasheet HTML 3Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KA2-2135 LED bulb
KA2-2135
Extended Product Type
KA2-2135
Product ID
1SFA616921R2135
EAN
7320500201183
Catalog Description
KA2-2135 LED bulb
Long Description
LED bulb - White - Rated Voltage 110-130 V, AC - Rated Current 4-6 mA - Service Life 25 000 h
—
General Information
8383616
E-Number (Sweden)
7320500201183
EAN
20 piece
Minimum Order Quantity
8539500000
Customs Tariff Number
Ordering
—
0.01 m
Product Net Width
0.01 m
Product Net Height
0.025 m
Product Net Depth / Length
0.004 kg
Product Net Weight
Dimensions
—
1 piece
Package Level 1 Units
0.06 m
Package Level 1 Width
0.01 m
Package Level 1 Height
0.025 m
Package Level 1 Depth / Length
0.004 kg
Package Level 1 Gross Weight
7320500201183
Package Level 1 EAN
20 piece
Package Level 2 Units
Container Information
—
Following EU Directive 2011/65/EU
RoHS Status
Environmental
—
—


Similar Part No. - KA2-2135

ManufacturerPart #DatasheetDescription
logo
ABB
KA2-2134 ABB-KA2-2134 Datasheet
486Kb / 3P
LED bulb
More results

Similar Description - KA2-2135

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-0651G0-12VD-CF-B A-BRIGHT-AB-0651G0-12VD-CF-B Datasheet
207Kb / 3P
FESTOON LED BULB
AL-01R6IR1WC-600 A-BRIGHT-AL-01R6IR1WC-600 Datasheet
228Kb / 6P
LED BULB
2007/1/16
AB-153S3A-12V0-M00 A-BRIGHT-AB-153S3A-12V0-M00 Datasheet
138Kb / 2P
LED BULB
AB-153S3A-12V0-M00 A-BRIGHT-AB-153S3A-12V0-M00_15 Datasheet
138Kb / 2P
LED BULB
AB-153S4A-12V0-M00 A-BRIGHT-AB-153S4A-12V0-M00_15 Datasheet
138Kb / 2P
LED BULB
AB-153W6A-12V0-M00 A-BRIGHT-AB-153W6A-12V0-M00_15 Datasheet
136Kb / 2P
LED BULB
AB-751SW-01WA-E4C A-BRIGHT-AB-751SW-01WA-E4C_15 Datasheet
135Kb / 2P
LED BULB
AB-781SW-01WA-E40 A-BRIGHT-AB-781SW-01WA-E40_15 Datasheet
139Kb / 2P
LED BULB
AB-781W0-01WA-E40 A-BRIGHT-AB-781W0-01WA-E40_15 Datasheet
139Kb / 2P
LED BULB
AB-781W0-01WA-E4C A-BRIGHT-AB-781W0-01WA-E4C Datasheet
139Kb / 2P
LED BULB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com