Electronic Components Datasheet Search
  English  ▼

X  

CAN0001 Datasheet(PDF) 1 Page - AVX Corporation

Part # CAN0001
Description  Multilayer Varistors Sample Kit – Automotive Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CAN0001 Datasheet(HTML) 1 Page - AVX Corporation

  CAN0001 Datasheet HTML 1Page - AVX Corporation CAN0001 Datasheet HTML 2Page - AVX Corporation CAN0001 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
100419
GENERAL DESCRIPTION
The AVX line of automotive MLVs represents state-of-the-art overvoltage circuit protection components for
automotive applications.
They offer bi-directional overvoltage protection as well as EMI/RFI attenuation in a single SMT package. This
allows designers the ability to combine the circuit protection and EMI/ RFI attenuation function into a single highly
reliable device.
This AVX sample kit for automotive varistors contains selection of AEC-Q200 qualified components.
COMPONENT LIST
TransGuard® / Low Clamp TransGuard® Automotive Series
Full range of solutions for bi-directional overvoltage protection as well as EMI/RFI attenuation in a single SMT package. High current and high energy handling
capability make them well suited for protection against automotive related transients.
PACKAGING
Wallet, minimum ordering quantity 1pcs
Contains 36 unique part numbers
(5 or 10 pcs of samples per PN - 340 pcs total)
HOW TO ORDER
AVX-KIT-MLV-AUTO
Multilayer Varistors
Automotive Sample Kit
AEC-Q200 Qualified
components
AVX-KIT-MLV-AUTO
Multilayer Varistors Sample Kit – Automotive Applications
MSL 1
Pd Free 260°C
AVX PN
Case
V
W (DC)
V
W (AC)
V
B
V
C
I
VC
I
L
E
T
E
LD
I
P
Cap
Freq
V
Jump
P
Diss. Max
EIA
Vdc
Vac
V
V
A
μA
J
J
A
pF
V
W
VCAS060305A150
0603
5.6
4.0
8.5±20%
18
1
35
0.1
-
30
750
K
-
0.001
VCAS080505A150
0805
5.6
4.0
8.5±20%
18
1
35
0.1
-
40
1100
K
-
0.001
VCAS080505C150
0805
5.6
4.0
8.5±20%
18
1
35
0.3
-
120
3000
K
-
0.005
VCAS060309A200
0603
9
6.4
12.7±15%
22
1
25
0.1
-
30
550
K
-
0.002
VLAS060316A350
0603
16
11
20.5±10%
35
1
10
0.1
-
50
400
K
20
0.003
VGAS181216P390
1812
16
11
24.5±10%
40
5
15
2.9
10
1000
7000
K
27.5
0.07
VGAS222016Y390
2220
16
11
24.5±10%
40
10
15
10.2
45
1500
20000
K
27.5
0.08
VCAS040218X400
0402
18
13
25.5±10%
42
1
10
0.05
0.05
20
65
M
27.5
0.001
VCAS060318A400
0603
18
13
25.5±10%
42
1
10
0.1
0.25
30
150
K
27.5
0.003
VCAS080518C400
0805
18
13
25.5±10%
42
1
10
0.3
1
120
550
K
27.5
0.007
VCAS120618D400
1206
18
13
25.5±10%
42
1
10
0.4
1.5
150
900
K
27.5
0.008
VCAS121018J390
1210
18
13
25.5±10%
42
5
10
1.6
3
500
3100
K
27.5
0.030
VCAS060326A580
0603
26
18
34.5±10%
60
1
10
0.1
0.1
30
155
K
27.5
0.002
VCAS080526C580
0805
26
18
34.5±10%
60
1
10
0.3
0.5
100
250
K
27.5
0.006
VCAS120626F540
1206
26
18
33.0±10%
54
1
15
0.7
1.5
200
600
K
27.5
0.008
VCAS121030H620
1210
30
21
41.0±10%
67
5
10
1.2
3
280
1850
K
30
0.018
VCAS120634N770
1206
34
30
47.0±10%
77
1
15
1.1
1.5
200
400
K
48
0.008
VGAS121034S770
1210
34
30
47.0±10%
77
2.5
15
2
3.0
400
1000
K
48
0.040
VGAS181234U770
1812
34
30
47.0±10%
77
5
15
5
6.1
800
1500
K
48
0.080
VCAS120642K900
1206
42
32
56±10%
90
1
15
0.6
200
260
K
48
0.012
AUTOMOTIVE SERIES
MULTILAYER VARISTORS
(AEC-Q200 QUALIFIED)
AVX-KIT-MLV-AUTO
SAMPLE KIT


Similar Part No. - CAN0001

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CAN0001DP AVX-CAN0001DP Datasheet
266Kb / 2P
Communication BUS Varistor
CAN0001DP AVX-CAN0001DP Datasheet
461Kb / 4P
Communication BUS Varistor
CAN0001RP AVX-CAN0001RP Datasheet
266Kb / 2P
Communication BUS Varistor
CAN0001RP AVX-CAN0001RP Datasheet
461Kb / 4P
Communication BUS Varistor
CAN0001TP AVX-CAN0001TP Datasheet
266Kb / 2P
Communication BUS Varistor
More results

Similar Description - CAN0001

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCAS06AG183R0YATRP AVX-VCAS06AG183R0YATRP Datasheet
362Kb / 3P
AntennaGuard Automotive Series Multilayer Varistors for Automotive Applications
VCAS06LC18X500RP AVX-VCAS06LC18X500RP Datasheet
515Kb / 3P
StaticGuard Automotive Series Multilayer Varistors for Automotive Applications
VCAS060318A400DP AVX-VCAS060318A400DP Datasheet
763Kb / 8P
Multilayer Varistors for Automotive Applications
logo
Renesas Technology Corp
RX63N RENESAS-RX63N Datasheet
363Kb / 8P
Renesas Starter Kit Sample
RX220 RENESAS-RX220 Datasheet
362Kb / 8P
Renesas Starter Kit Sample
RX610 RENESAS-RX610 Datasheet
364Kb / 8P
Renesas Starter Kit Sample
RX630 RENESAS-RX630 Datasheet
363Kb / 8P
Renesas Starter Kit Sample
logo
AVX Corporation
VCAS060316B400 AVX-VCAS060316B400_17 Datasheet
612Kb / 10P
Multilayer Varistors for Automotive Applications
VGAS181216P400RP AVX-VGAS181216P400RP Datasheet
116Kb / 2P
Multilayer Varistors for Automotive Applications
logo
Broadcom Corporation.
ADNK-6000 BOARDCOM-ADNK-6000 Datasheet
65Kb / 1P
Sample Kit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com