Electronic Components Datasheet Search
  English  ▼

X  

HV753 Datasheet(PDF) 2 Page - Microchip Technology

Part # HV753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV753 Datasheet(HTML) 2 Page - Microchip Technology

  HV753 Datasheet HTML 1Page - Microchip Technology HV753 Datasheet HTML 2Page - Microchip Technology HV753 Datasheet HTML 3Page - Microchip Technology HV753 Datasheet HTML 4Page - Microchip Technology HV753 Datasheet HTML 5Page - Microchip Technology HV753 Datasheet HTML 6Page - Microchip Technology HV753 Datasheet HTML 7Page - Microchip Technology HV753 Datasheet HTML 8Page - Microchip Technology HV753 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 230 page
background image
PIC16F753/HV753
DS40001709C-page 2
 2013-2015 Microchip Technology Inc.
Pin Diagram – 14-Pin PDIP, SOIC, TSSOP
TABLE 1:
PIC16F753/HV753 FAMILY TYPES
Device
PIC12F752
(1)
1K
Y
64
6
4
2
3/1
1
Y
5-bit
N
N
H
PIC12HV752
(1)
1K
Y
64
6
4
2
3/1
1
Y
5-bit
N
Y
H
PIC16F753
(2)
2K
Y
128
12
8
2
3/1
1
Y
9-bit
Y
N
I/H
PIC16HV753
(2)
2K
Y
128
12
8
2
3/1
1
Y
9-bit
Y
Y
I/H
Note 1:
I - Debugging, Integrated on Chip; H - Debugging, Requires Debug Header.
2:
One pin is input-only.
Data Sheet Index: (Unshaded devices are described in this document.)
1:
DS41576 PIC12F752/HV752 Data Sheet, 8-Pin Flash-Based, 8-Bit CMOS Microcontrollers.
2:
DS40001709 PIC16F753/HV753 Data Sheet, 14/16-Pin Flash-based, 8-Bit CMOS Microcontrollers.
Note:
For other small form-factor package availability and marking information, please visit
http://www.microchip.com/packaging or contact your local sales office.
1
2
3
4
14
13
12
11
5
6
7
10
9
8
VDD
RA5
RA4
MCLR/VPP/RA3
RC5
RC4
RC3
VSS
RA0/ICSPDAT
RA1/ICSPCLK
RA2
RC0
RC1
RC2
Note: See Table 2 for location of all peripheral functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com