Electronic Components Datasheet Search
  English  ▼

X  

0824929 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0824929
Description  WMT 4,2 (15X6)R CUS - Cable marker
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0824929 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0824929 Datasheet HTML 1Page - PHOENIX CONTACT 0824929 Datasheet HTML 2Page - PHOENIX CONTACT 0824929 Datasheet HTML 3Page - PHOENIX CONTACT 0824929 Datasheet HTML 4Page - PHOENIX CONTACT 0824929 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable marker, can be ordered: by line, white, labeled according to customer specifications, cable
diameter range: 3 ... 4.2 mm, mounting type: insert, text field height: 6 mm, text field width: 15
mm
Your advantages
The conductor is pushed on through the two punch-outs on the marker. In this way, the marker is aligned on the conductor
•
The special hole geometry for different conductor gauges ensures strong axial support
•
Commercial data
Item number
0824929
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8121
GTIN
4046356358828
Weight per piece (including packing)
2.5 g
Weight per piece (excluding packing)
2.5 g
Country of origin
PL
WMT 4,2 (15X6)R CUS - Cable marker
0824929
https://www.phoenixcontact.com/us/products/0824929
Jul 23, 2025, 12:07AM
Page 1 (5)


Similar Part No. - 0824929

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824927 PHOENIX-0824927 Datasheet
182Kb / 5P
WMT 2,4 (15X4)R CUS - Cable marker
0824928 PHOENIX-0824928 Datasheet
182Kb / 5P
WMT 3,5 (15X5)R CUS - Cable marker
More results

Similar Description - 0824929

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824348 PHOENIX-0824348 Datasheet
57Kb / 4P
Label - EML (15X6) R YE CUS
0824488 PHOENIX-0824488 Datasheet
58Kb / 4P
Marker for terminal blocks - TMT 6 R CUS
0828488 PHOENIX-0828488 Datasheet
52Kb / 3P
Marker cards - SBS 5 CUS
0828489 PHOENIX-0828489 Datasheet
57Kb / 3P
Marker cards - SBS 6 CUS
0828490 PHOENIX-0828490 Datasheet
56Kb / 2P
Marker cards - SBS 8 CUS
0828491 PHOENIX-0828491 Datasheet
50Kb / 3P
Marker cards - SBS10 CUS
0801426 PHOENIX-0801426 Datasheet
61Kb / 4P
Conductor marker - UCT-WMT (30X4) GN
09/11/2020
0824443 PHOENIX-0824443 Datasheet
54Kb / 2P
Cable marker - PABA WH/10 CUS
09/11/2020
0824444 PHOENIX-0824444 Datasheet
54Kb / 2P
Cable marker - PABA WH/15 CUS
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com