Electronic Components Datasheet Search
  English  ▼

X  

3152 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3152
Description  Adafruit 0.8" 8x16 LED Matrix FeatherWing Display - Red
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3152 Datasheet(HTML) 2 Page - Adafruit Industries

  3152 Datasheet HTML 1Page - Adafruit Industries 3152 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The 16x8 backpack is also great for making scrolling displays or small video displays.  In
our example, we set it up to display small bitmap emoticons but you can also display
text that moves - kind of like a sign in front of a miniature car dealership.
This kit comes with:
A fully tested and assembled 16x8 0.8" LED FeatherWing 
2 x ultra-bright square 8x8 red matrices
2 x 16-pin header
A bit of soldering is required to attach the two matrices onto the FeatherWing but its
very easy to do and only takes about 15 minutes.
Technical Details
The board/chip uses 12C 7-bit address between 0x70-0x77, selectable with jumpers
FeatherWing Dimensions: 51mm x 23mm x 5mm / 2.0" x 0.9" x 0.2"
FeatherWing Weight: 6.3g 
Mini LED Matrix Display Dimensions: 20mm x 20mm x 6mm / 0.8" x 0.8" x 0.2"
Mini LED Matrix Display Height w/ Pins: 13mm / 0.5"
Mini LED Matrix Display Weight: 3g
Engineered in NYC Adafruit ®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com