Electronic Components Datasheet Search
  English  ▼

X  

3196 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3196
Description  Pimoroni Zero LiPo
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3196 Datasheet(HTML) 2 Page - Adafruit Industries

  3196 Datasheet HTML 1Page - Adafruit Industries 3196 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features:
o
0.8mm thick PCB
o
Shaped to sit as low as possible on the Raspberry Pi 3, 2, Zero, A+, B+
o
2-pole JST connector ideal for most LiPo/LiIon batteries
o
Power and low battery LED indicators
o
Supplies up to 1.5A continuous current
o
Low battery warning at 3.4V (assets GPIO #4 high)
o
Automatic shutdown at 3.0V to protect your battery
o
VBAT+, GND, and EN pins available to break out
o
15uA quiescent current
Kit includes: Zero LiPo, Rubber foot, 2x4 0.1" female header
Technical Details
For product support, replacement parts and warranty for Pimoroni products visit the Pimoroni forum or
contact Pimoroni directly.
Product Dimensions: 40.4mm x 22.2mm x 6.5mm / 1.6" x 0.9" x 0.3"
Product Weight: 2.6g / 0.1oz
                                    Engineered in NYC Adafruit ® https://www.adafruit.com/product/3196 4‐11‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com