Electronic Components Datasheet Search
  English  ▼

X  

MAX1556 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1556
Description  16關A IQ, 1.2A PWM Step-Down DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1556 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1556_1 Datasheet HTML 1Page - Maxim Integrated Products MAX1556_1 Datasheet HTML 2Page - Maxim Integrated Products MAX1556_1 Datasheet HTML 3Page - Maxim Integrated Products MAX1556_1 Datasheet HTML 4Page - Maxim Integrated Products MAX1556_1 Datasheet HTML 5Page - Maxim Integrated Products MAX1556_1 Datasheet HTML 6Page - Maxim Integrated Products MAX1556_1 Datasheet HTML 7Page - Maxim Integrated Products MAX1556_1 Datasheet HTML 8Page - Maxim Integrated Products MAX1556_1 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
16µA IQ, 1.2A PWM DC-DC
Step-Down Converters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = VINP = VSHDN = 3.6V, TA = - 40°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, INP, OUT, D2, SHDN to GND ..........................-0.3V to +6.0V
SS, D1 to GND .............................................-0.3V to (VIN + 0.3V)
PGND to GND .......................................................-0.3V to +0.3V
LX Current (Note 1)...........................................................±2.25A
Output Short-Circuit Duration.....................................Continuous
Continuous Power Dissipation (TA = +70°C)
10-Pin TDFN (derate 24.4mW/°C above +70°C) .......1951mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
2.6
5.5
V
Undervoltage-Lockout Threshold
VIN rising and falling, 35mV hysteresis (typ)
2.20
2.35
2.55
V
No switching, D1 = D2 = GND
16
25
Quiescent Supply Current
Dropout
27
42
µA
TA = +25°C
0.1
1
Shutdown Supply Current
SHDN = GND
TA = +85°C
0.1
µA
Output Voltage Range
0.75
VIN
V
No load
-0.25
+0.75
+1.75
300mA load
-0.75
0
+0.75
600mA load
-1.5
-0.75
0
TA = 0°C to +85°C
(Note 2)
1200mA load, MAX1556 only
-2.75
-2.25
-1.25
No load
-0.75
+2.25
300mA load
-1.5
+1.5
600mA load
-2.25
+0.50
Output Accuracy
TA = -40°C to +85°C
(Note 2)
1200mA load, MAX1556 only
-4.0
-1.0
%
MAX1556
1200
Maximum Output Current
MAX1557
600
mA
TA = +25°C
0.01
0.1
D1 = D2 = GND
TA = +85°C
0.01
OUT Bias Current
For preset output voltages
3
4.5
µA
No load
-0.50
+0.75
+1.75
300mA load
-1.2
0
+1.2
600mA load
-1.75
-0.75
+0.25
D1 = D2 = GND,
VOUT = 0.75V at
300mA (typ),
TA = 0°C to +85°C
1200mA load, MAX1556 only
-3.25
-2.25
-1.25
No load
-1.25
+2.25
300mA load
-1.75
+1.50
600mA load
-2.75
+0.25
FB Threshold Accuracy
D1 = D2 = GND,
VOUT = 0.75V
at 300mA (typ),
TA = -40°C to +85°C
1200mA load, MAX1556 only
-4.25
-1.00
%
Note 1: LX has internal clamp diodes to GND and IN. Applications that forward bias these diodes should take care not to exceed
the IC’s package power-dissipation limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com