Electronic Components Datasheet Search
  English  ▼

X  

3231 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3231
Description  Adafruit LoRa Radio FeatherWing - RFM95W 900 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3231 Datasheet(HTML) 2 Page - Adafruit Industries

  3231 Datasheet HTML 1Page - Adafruit Industries 3231 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RFM69 @ 433 MHz - basic packetized FSK/GFSK/MSK/GMSK/OOK radio at 433 MHz for use in Europe ITU
1 license-free ISM, or for amateur use with restrictions (check your local amateur regulations!)
RFM69 @ 900 MHz - basic packetized FSK/GFSK/MSK/GMSK/OOK radio at 868 or 915 MHz for use in
Americas ITU 2 license-free ISM, or for amateur use with restrictions (check your amateur regulations!)
RFM98 @ 433 MHz - LoRa capable radio at 433 MHz for use in Europe ITU 1 license-free ISM, or for
amateur use with restrictions (check your local amateur regulations!)
RFM95 @ 900 MHz - LoRa capable radio at 868 or 915 MHz for use in Americas ITU 2 license-free ISM, or
for amateur use with restrictions (check your local amateur regulations!)
transmission/reception -
They can easily go 2 Km line of sight using simple wire antennas, or up to 20Km with directional
antennas and settings tweakings
Packet radio with ready-to-go Arduino libraries
Uses the license-free ISM bands
+5 to +20 dBm up to 100 mW Power Output Capability (power output selectable in software)
listening.
Our initial tests with default library settings: over 1.2mi/2Km line-of-sight with wire quarter-wave
antennas. (With setting tweaking and directional antennas, 20Km is possible).
Currently tested to work with the
, TTeensy 3 Feather, Feather 32u4 and FFeather
M0
900 MHz can only talk to RFM69 900 MHz, LoRa 433 MHz can only talk to LoRa 433, etc.
will need to cut and solder on a small piece of wire (any solid or stranded core is fine) in order to
create your antenna. Optionally you can pick up a uFL or SMA edge-mount connector and attach
an external duck.
Technical Details
Product Weight: 4.6g / 0.2oz
Engineered in NYC Adafruit ®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com