Electronic Components Datasheet Search
  English  ▼

X  

3232 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 3232
Description  Adafruit LoRa Radio FeatherWing - RFM95W 433 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3232 Datasheet(HTML) 1 Page - Adafruit Industries

  3232 Datasheet HTML 1Page - Adafruit Industries 3232 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Adafruit LoRa Radio FeatherWing - RFM95W 433 MHz
PRODUCT ID: 3232
Description
Add short-hop wireless to your Feather with these Radio Featherwings. These add-ons for any
Feather board will let you integrate packetized radio (with the RFM69 radio) or LoRa radio (with
the RFM9x's). These radios are good options for kilometer-range radio, and paired with one of
our WiFi, cellular or Bluetooth Feathers, will let you bridge from 433/900 MHz to the Internet or
RFM69's are easiest to work with, and are well known and understood. The LoRa radios are


Similar Part No. - 3232

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3232 POMONA-3232 Datasheet
28Kb / 1P
Size B Aluminum Box With Cover BNC Female Tee
logo
List of Unclassifed Man...
3232 ETC2-3232 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Heyco.
3232 HEYCO-3232 Datasheet
264Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Christian Bürkert GmbH ...
3232 BURKERT-3232 Datasheet
1Mb / 28P
2/2-way diaphragm valve with manually operated actuator
04.11.2021
logo
KR Electronics, Inc.
3232-N KR-3232-N Datasheet
57Kb / 3P
125 MHz min 1 dB Bandwidth
More results

Similar Description - 3232

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0433AT62A0020 JOHANSON-0433AT62A0020 Datasheet
256Kb / 3P
433 MHz Antenna
logo
TAI-SAW TECHNOLOGY CO.,...
TA433K1 TAI-SAW-TA433K1 Datasheet
156Kb / 4P
SAW Filter 433 MHz
TA1473A TAI-SAW-TA1473A Datasheet
401Kb / 7P
SAW Filter 433 MHz
logo
rfsolutions.ltd
PRO-LORAT1-8S10 RFSOLUTIONS-PRO-LORAT1-8S10 Datasheet
3Mb / 8P
Professional LoRa Telemetry Radio System
logo
TAI-SAW TECHNOLOGY CO.,...
TA0286B TAI-SAW-TA0286B Datasheet
653Kb / 6P
SAW Filter 433 MHz
TA1914A TAI-SAW-TA1914A Datasheet
305Kb / 6P
SAW Filter 433 MHz
logo
Dorji Industrial Group ...
DRF1276DM DORJI-DRF1276DM Datasheet
551Kb / 13P
LORA Long Range SX1278 Data Radio Modem
DRF1278DL DORJI-DRF1278DL Datasheet
832Kb / 11P
LoRa RS232/RS485 Interface Data Radio Modem
DRF1278DM DORJI-DRF1278DM Datasheet
552Kb / 13P
LORA Long Range SX1278 Data Radio Modem
DRF1278DX DORJI-DRF1278DX Datasheet
871Kb / 11P
500mW Long Range Lora Data Radio Modem
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com