Electronic Components Datasheet Search
  English  ▼

X  

3248 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3248
Description  Pimoroni Micro Dot pHAT with Included LED Modules - Red
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3248 Datasheet(HTML) 2 Page - Adafruit Industries

  3248 Datasheet HTML 1Page - Adafruit Industries 3248 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features:
o
3x onboard IS31FL3730 LED matrix driver chips
o
Drives up to 6 x LTP-305 red LED matrices
o
Up to 30x7 pixels (5x7 per matrix plus a decimal point)
Kit includes:
o
Assembled Micro Dot pHAT PCB
o
2x20 0.1" female GPIO header
o
6 Red LTP-305 LED modules
Micro Dot pHAT also works well with other pHATs and HATs. You could use it in combination with
pHAT DAC to display the audio spectrum, or with Enviro pHAT to display its temperature, pressure and
light readings. Give it a try!
Note: These pHAT boards require you to solder on the headers and LTP-305 modules (through-hole
components). Works with any 40-pin Raspberry Pi variant.
Technical Details
o
Board Dimensions: 65mm x 30mm x 2.5mm
o
Board Weight: 6.6g / 0.2oz
o
Assembled Dimensions (with header): 65mm x 30mm x 14mm
o
Assembled Weight (with header): 16g / 0.57oz
Pimoroni has put together a comprehensive Python library to make using the Micro Dot pHAT really
simple, as well as a guide to assembling it, and a getting started guide to show you how to install and use
the Python library.
For product support, replacement parts and warranty for Pimoroni products visit the Pimoroni forum or
contact Pimoroni directly.
                               Engineered in NYC Adafruit ® https://www.adafruit.com/product/3248 4‐12‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com