Electronic Components Datasheet Search
  English  ▼

X  

3249 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3249
Description  NeoPXL8 FeatherWing for Feather M0 - 8 x DMA NeoPixels!
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3249 Datasheet(HTML) 2 Page - Adafruit Industries

  3249 Datasheet HTML 1Page - Adafruit Industries 3249 Datasheet HTML 2Page - Adafruit Industries 3249 Datasheet HTML 3Page - Adafruit Industries 3249 Datasheet HTML 4Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
But, at some point, every NeoPixel'er bumps into the constraints of that single-
data-wire: the timing is very picky and often time your code has to stop
completely so that it can burst out the data without any interruptions. This
requirement makes it tough to create fast-update lighting effects, and limits the
number of pixels you can drive before other hardware peripherals get attention.
Resident pixel-pro Paint Your Dragon (who coined the name NeoPixel dont-cha-
know!) took on this challenge and has succeeded gloriously. By carefully
examining the ATSAMD21 datasheet he noticed you could use the Timer 0 in
'waveform' mode, and create 8 unique waveforms over DMA that would handle
all the pixel-pushing for you.
Thus is born the NeoPXL8 Arduino library and NeoPXL8 Featherwing! The library
runs on our Feather M0's (the Basic Proto, Adalogger, Bluefruit, Express, and
others) and handles all the NeoPixeling for you, up to 8 strands of concurrent
DMA output each one can be 250 pixels long for a total of 8 x 250 = 2000
pixels. That leaves you some RAM for your code to run in as well - the
theoretical max is 340 pixels per strand but you'd be using all the RAM on the
M0 chip.
To make connection easy, this Featherwing does the level-shifting and pin
arrangements for you. All 8 strands have a level shifter that converts the 3.3V
logic level to 5V logic, there's a little switch-cap converter that generates the
clean 5V power supply for you. Then a 100 ohm resistor in line after the buffer
reduces ringing on long wiring runs.
You get two options for connecting NeoPixels:
2 x 8 Header with ground and 5V-logic signal, in pairs
2 x RJ-45 'Ethernet' Jacks, with ground and 5V-logic signal per twisted
pair. This matches the same wiring as the OctWS2811
To keep the 'Wing compact we let you choose which wiring you'd like to go with,
just solder in the connectors you prefer. Then you'll also need to provide power
to the NeoPixels. Since you'll need many Amps of current, we don't manage that
through the Wing - the PCB copper would be too limiting. We recommend
using terminal blocks or bus bars to connect all the ground/5V power wires
together and powering them from their own chunky 5V supply.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com