Electronic Components Datasheet Search
  English  ▼

X  

3289 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3289
Description  Pimoroni Automation HAT for Raspberry Pi
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3289 Datasheet(HTML) 2 Page - Adafruit Industries

  3289 Datasheet HTML 1Page - Adafruit Industries 3289 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Compatible with all versions of Raspberry Pi that have the 40-pin GPIO header (3, 2, B+, A+, Zero),
and comes fully assembled!
Features:
o
3 x 24V @ 2A relay (NC and NO terminals)
o
3 x 12-bit ADC @ 0-24V
o
3 x 24V tolerant buffered inputs
o
3 x 24V tolerant sinking outputs
o
15 x channel indicator LEDs
o
1 x 12-bit ADC @ 0-3.3V
o
3.5mm screw terminals
o
Power, Comms, and Warn! LED indicators
o
HAT EEPROM
o
SPI interface
o
Extra GPIO: TX (#14), RX (#15), #25
Please note: We recommend you use a set of Brass M2.5 Standoffs with the Automation HAT to avoid
pins contacting the HDMI port if the HAT is pushed down.
Technical Details
For product support, replacement parts and warranty for Pimoroni products visit the Pimoroni forum or
contact Pimoroni directly.
Product Dimensions: 65.0mm x 55.0mm x 17.5mm / 2.6" x 2.2" x 0.7"
Product Weight: 33.1g / 1.2oz
                              Engineered in NYC Adafruit ® https://www.adafruit.com/product/3289 4‐12‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com