Electronic Components Datasheet Search
  English  ▼

X  

3333 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3333
Description  Circuit Playground Express - Developer Edition
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3333 Datasheet(HTML) 2 Page - Adafruit Industries

  3333 Datasheet HTML 1Page - Adafruit Industries 3333 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The board is round and has alligator-clip pads around it so you don't have to solder or sew to make it work.
You can power it from USB, a AAA battery pack, or with a Lipoly battery (for advanced users). Circuit
Playground Express has built-in USB support. Built in USB means you plug it in to program it and it just
shows up, no special cable or adapter required. Just program your code into the board then take it on the
go!
Here's some of the great goodies baked in to each Circuit Playground Express:
o
10 x mini NeoPixels, each one can display any color
o
1 x Motion sensor (LIS3DH triple-axis accelerometer with tap detection, free-fall detection)
o
1 x Temperature sensor (thermistor)
o
1 x Light sensor (phototransistor). Can also act as a color sensor and pulse sensor.
o
1 x Sound sensor (MEMS microphone)
o
1 x Mini speaker with class D amplifier (7.5mm magnetic speaker/buzzer)
o
2 x Push buttons, labeled A and B
o
1 x Slide switch
o
Infrared receiver and transmitter - can receive and transmit any remote control codes, as well as
send messages between Circuit Playground Expresses. Can also act as a proximity sensor.
o
8 x alligator-clip friendly input/output pins
o
Includes I2C, UART, 8 pins that can do analog inputs, multiple PWM output
o
7 pads can act as capacitive touch inputs and the 1 remaining is a true analog output
o
Green "ON" LED so you know its powered
o
Red "#13" LED for basic blinking
o
Reset button
o
ATSAMD21 ARM Cortex M0 Processor, running at 3.3V and 48MHz
o
2 MB of SPI Flash storage, used primarily with CircuitPython to store code and libraries.
o
MicroUSB port for programming and debugging
o
USB port can act like serial port, keyboard, mouse, joystick or MIDI!
Technical Details
o
Outer Diameter: ~50.6mm / ~2.0"
o
Weight: 8.9g
                                Engineered in NYC Adafruit ® https://www.adafruit.com/product/3333 5‐19‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com