Electronic Components Datasheet Search
  English  ▼

X  

14944/SP Datasheet(PDF) 3 Page - Bulgin Limited. All rights reserved.

Part # 14944/SP
Description  6000 Series Buccaneer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

14944/SP Datasheet(HTML) 3 Page - Bulgin Limited. All rights reserved.

  14944/SP Datasheet HTML 1Page - Bulgin Limited. All rights reserved. 14944/SP Datasheet HTML 2Page - Bulgin Limited. All rights reserved. 14944/SP Datasheet HTML 3Page - Bulgin Limited. All rights reserved. 14944/SP Datasheet HTML 4Page - Bulgin Limited. All rights reserved. 14944/SP Datasheet HTML 5Page - Bulgin Limited. All rights reserved. 14944/SP Datasheet HTML 6Page - Bulgin Limited. All rights reserved. 14944/SP Datasheet HTML 7Page - Bulgin Limited. All rights reserved. 14944/SP Datasheet HTML 8Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
41 Buccaneer for Power
Metal Version
BUCCANEER FOR POWER
6000 Series Buccaneer
Flex Cable Connector
In-line Flex Cable Connector
Front Panel Mounting Connector
PXM6010
PXM6011
PXM6012
Mates with In-Line Flex or Panel
Mounting versions PXM6011
and PXM6012
Push/pull locking ring with 30°
twist locking
Pin or socket versions
Leading earth on 3 pole
connectors
2, 3, 8, 16 and 22 pole
Screw, solder and crimp termination
Cable braid termination
accessory option, add /SNsuffix
Mates with Flex Cable
connector PXM6010
For in-line cable connection
Pin or socket versions
Leading earth on 3 pole
connectors
2, 3, 8, 16 and 22 pole
Screw, solder and crimp termination
Cable braid termination
accessory option, add /SNsuffix
Mates with Flex Cable
connectors PXM6010
Front panel mounting
Single hole fixing
Pin or socket versions
Leading earth on 3 pole
connectors
2, 3, 8, 16 and 22 pole
Screw, solder and crimp termination
2
2
3
3
8
16
22
2
2
3
3
8
16
22
2
2
3
3
8
16
22
Screw
Crimp / Solder
Screw
Crimp / Solder
Crimp / Solder
Crimp / Solder
Crimp / Solder
Screw
Crimp / Solder
Screw
Crimp / Solder
Crimp / Solder
Crimp / Solder
Crimp / Solder
Screw
Crimp / Solder
Screw
Crimp / Solder
Crimp / Solder
Crimp / Solder
Crimp / Solder
PXM6010/02P/ST
PXM6010/02P/CR
PXM6010/03P/ST
PXM6010/03P/CR
PXM6010/08P/CR
PXM6010/16P/CR
PXM6010/22P/CR
PXM6011/02P/ST
PXM6011/02P/CR
PXM6011/03P/ST
PXM6011/03P/CR
PXM6011/08P/CR
PXM6011/16P/CR
PXM6011/22P/CR
PXM6012/02P/ST
PXM6012/02P/CR
PXM6012/03P/ST
PXM6012/03P/CR
PXM6012/08P/CR
PXM6012/16P/CR
PXM6012/22P/CR
PXM6010/02S/ST
PXM6010/02S/CR
PXM6010/03S/ST
PXM6010/03S/CR
PXM6010/08S/CR
PXM6010/16S/CR
PXM6010/22S/CR
PXM6011/02S/ST
PXM6011/02S/CR
PXM6011/03S/ST
PXM6011/03S/CR
PXM6011/08S/CR
PXM6011/16S/CR
PXM6011/22S/CR
PXM6012/02S/ST
PXM6012/02S/CR
PXM6012/03S/ST
PXM6012/03S/CR
PXM6012/08S/CR
PXM6012/16S/CR
PXM6012/22S/CR
Supplied Fitted
Contacts Required
Supplied Fitted
Contacts Required
Contacts Required
Contacts Required
Contacts Required
Supplied Fitted
Contacts Required
Supplied Fitted
Contacts Required
Contacts Required
Contacts Required
Contacts Required
Supplied Fitted
Contacts Required
Supplied Fitted
Contacts Required
Contacts Required
Contacts Required
Contacts Required
Poles
Poles
Poles
Termination
Termination
Termination
Pin Contacts
Pin Contacts
Pin Contacts
Socket Contacts
Socket Contacts
Socket Contacts
Contacts
Contacts
Contacts



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com