Electronic Components Datasheet Search
  English  ▼

X  

S308 Datasheet(PDF) 10 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # S308
Description  GENERAL SPECIFICATIONS FOR S301 ~ S339
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

S308 Datasheet(HTML) 10 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button S308 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. S308 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. S308 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. S308 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. S308 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. S308 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. S308 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. S308 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. S308 Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Series S
Medium/High Capacity Standard Size Toggles
www.nkk.com
A111
A
Electrical Capacity (Resistive & Inductive Load)
Power Level:
Shown in the following tables
Other Ratings
Contact Resistance:
10 milliohms maximum
Insulation Resistance:
1,000 megohms minimum @ 500V DC
Dielectric Strength:
2,000V AC minimum for 1 minute minimum
Mechanical Life:
50,000 operations minimum
Electrical Life:
15,000 operations minimum
Angle of Throw (α):
Shown in tables on following pages
Materials & Finishes
Toggle:
Brass with chrome plating
Bushing:
Brass with chrome plating
Case:
Melamine phenol
Case Cover:
Steel with chromate plating over zinc plating
Movable Contactor:
Copper with silver plating
Movable Contacts:
Silver alloy capped on copper with silver plating
Stationary Contacts:
Silver alloy capped on copper with silver plating
Terminals:
Brass with tin plating
Environmental Data
Operating Temp Range:
–10°C through +70°C (+14°F through +158°F)
Installation
Mounting Torque:
2.94Nm (26 lb•in) for double nut
Maximum Panel Thickness:
Shown beneath panel cutout in switch dimension drawings
Soldering Time & Temperature:
Manual Soldering: See Profile A in Supplement section.
GENERAL SPECIFICATIONS FOR S421 ~ S429



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com