Electronic Components Datasheet Search
  English  ▼

X  

S331 Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # S331
Description  GENERAL SPECIFICATIONS FOR S301 ~ S339
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

S331 Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button S331 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. S331 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. S331 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. S331 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. S331 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. S331 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. S331 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. S331 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. S331 Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Series S
Medium/High Capacity Standard Size Toggles
www.nkk.com
A108
A
(9.0)
.354
(12.5) Dia
.492
(3.0) Dia
.118
Maximum
Panel Thickness:
.181” (4.6mm)
Max. Panel Thickness:
.181” (4.6mm)
Notes: Standard Hardware: AT503M Face Hex Nut, AT506M Locking Ring, AT508 Lockwasher, AT527M Backup Hex Nut. See Accessories & Hardware section.
Optional Splashproof Boot Assemblies: AT401 & AT4181 boots plus hex nut & o-ring. See Accessories & Hardware section.
* Wire harness & cable assemblies offered only in Americas.
S32
S31 does not have
terminals 2, 5, & 8
S41 and S41R do not have terminals 2, 5, 8, & 11.
S42R
(9.0)
.354
(12.5) Dia
.492
(3.0) Dia
.118
Keyway
(9.0)
.354
(12.0)
.472
(27.1)
1.067
(2.4) Dia Typ
.094
(0.8) Typ
.031
(4.8) Typ
.189
(5.8)
.228
(27.0)
1.063
(8.15)
.321
(4.0)
.157
M12 P1
α
(34.2)
1.346
9
3
2
1
10
11
5
4
6
8
7
12
(36.5)
1.437
Max. Panel Thickness:
.220” (5.6mm)
(30.0)
1.181
Keyway
(17.5)
.689
(12.0)
.472
(27.3)
1.075
(6.1) Dia
.240
M12 P1
(2.4) Dia Typ
.094
(0.8) Typ
.031
(4.8) Typ
.189
(5.0)
.197
α
9
3
2
1
7
8
(33.8)
1.331
4
5
6
(12.5) Dia
.492
(11.5)
.453
(1.5)
.060
Notes: Standard Hardware for Bat Lever: AT503M Face Hex Nut, AT506M Locking Ring, AT508 Lockwasher, AT527M Backup Hex Nut;
for Flatted Lever (R): AT504M Knurled Face Nut, AT508 Lockwasher, AT527M Backup Hex Nut. See Accessories & Hardware section.
Optional Splashproof Boot Assemblies (only for bat lever models): AT401 & AT4181 boots plus hex nut and o-ring. See Accessories & Hardware section.
* Wire harness & cable assemblies offered only in Americas.
Bat lever dimensions are same as on S30 models above.
FOUR POLE WITH SOLDER LUG *
* UL, cULus & CSA recognized only when ordered
with marking on switch (see General Specs)
Toggle Position/Connected Terminals
( ) = Momentary
Electrical Capacity
Model
Suffix R =
Flatted Lever
*Approvals
Pole &
Throw
Down
Center
Up
Resistive
Inductive
α =
Angle
of Throw
AC
125V
AC
250V
DC
30V
AC 125V
PF 0.6
S41/S41R
4PST
ON 1-3 4-6 7-9 10-12 NONE
OFF
—
25A
9A
20A
10A
25°
S42/S42R
4PDT
ON 2-3 5-6 8-9 11-12 NONE
ON 2-1 5-4 8-7 11-10 25A
9A
20A
10A
25°
S43/S43R
4PDT
ON 2-3 5-6 8-9 11-12
OFF
ON 2-1 5-4 8-7 11-10 25A
9A
20A
10A
30°
S45
–
––
4PDT
ON 2-3 5-6 8-9 11-12 NONE (ON) 2-1 5-4 8-7 11-10 15A
6A
20A
8A
25°
S48/S48R
––
4PDT
(ON) 2-3 5-6 8-9 11-12
OFF
(ON) 2-1 5-4 8-7 11-10 15A
6A
20A
8A
25°
S49/S49R
––
4PDT
ON 2-3 5-6 8-9 11-12
OFF
(ON) 2-1 5-4 8-7 11-10 15A
6A
20A
8A
25°
Throw &
Schematics:
Keyway
11
10
12
7
9
4
6
1
3
2
58
(COM)
9
7
INTERNAL
CONNECTION
6
4
3
1
12
10
4PST
4PDT
Note: Terminal
numbers are
on the switch
R
C
R
US
THREE POLE WITH SOLDER LUG *
* UL, cULus & CSA recognized only when ordered
with marking on switch (see General Specs)
Toggle Position/Connected Terminals
( ) = Momentary
Electrical Capacity
Model
*Approvals
Pole &
Throw
Down
Center
Up
Resistive
Inductive
α =
Angle
of Throw
AC
125V
AC
250V
DC
30V
AC 125V
PF 0.6
S31
3PST
ON
1-3 4-6 7-9
NONE
OFF
—
25A
9A
20A
10A
25°
S32
3PDT
ON
2-3 5-6 8-9
NONE
ON
2-1 5-4 8-7
25A
9A
20A
10A
25°
S33
3PDT
ON
2-3 5-6 8-9
OFF
ON
2-1 5-4 8-7
25A
9A
20A
10A
30°
S35
3PDT
ON
2-3 5-6 8-9
NONE
(ON) 2-1 5-4 8-7
15A
6A
20A
8A
25°
S38
3PDT
(ON) 2-3 5-6 8-9
OFF
(ON) 2-1 5-4 8-7
15A
6A
15A
8A
25°
S39
3PDT
ON
2-3 5-6 8-9
OFF
(ON) 2-1 5-4 8-7
15A
6A
15A
8A
25°
Throw &
Schematics:
Note: Terminal numbers
are on the switch
3PST
Keyway
3PDT
2
5
(COM)
8
31
64 97
9
7
INTERNAL
CONNECTION
6
4
3
1
R
C
R
US



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com