Electronic Components Datasheet Search
  English  ▼

X  

S331R Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # S331R
Description  GENERAL SPECIFICATIONS FOR S301 ~ S339
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

S331R Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  S331R Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. S331R Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. S331R Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. S331R Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. S331R Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. S331R Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. S331R Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. S331R Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. S331R Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Series S
Medium/High Capacity Standard Size Toggles
www.nkk.com
A103
A
S301
Maximum
Panel Thickness:
.185” (4.7mm)
S301 does not
have terminal 2
Keyway
(16.0)
.630
(17.5)
.689
(12.0)
.472
32°
(6.1) Dia
.240
M12 P1
(3.2) Dia Typ
.126
(6.0) Typ
.236
(1.6) Typ
.063
(17.4)
.685
(9.6) Max
.378
(28.5)
1.122
3
2
1
(9.0)
.354
(12.5) Dia
.492
(3.0) Dia
.118
Notes: Standard Hardware: AT503M Face Hex Nut, AT506M Locking Ring, AT508 Lockwasher, AT527M Backup Hex Nut. See Accessories & Hardware section.
Optional Splashproof Boot Assemblies: AT401 & AT4181 boots plus hex nut & o-ring. See Accessories & Hardware section.
* Wire harness & cable assemblies offered only in Americas.
SINGLE POLE WITH SOLDER LUG *
* UL, cULus & CSA recognized only when ordered
with marking on switch (see General Specs)
Toggle Position/Connected Terminals
( ) = Momentary
Electrical Capacity
Model
*Approvals
Pole &
Throw
Down
Center
Up
Resistive
Inductive
Angle
of Throw
AC
125V
AC
250V
DC
30V
AC 125V
PF 0.6
S301
SPST
ON
1-3
NONE
OFF
—
15A
6A
20A
10A
32°
S302
SPDT
ON
2-3
NONE
ON
2-1
15A
6A
20A
10A
32°
S303
SPDT
ON
2-3
OFF
ON
2-1
15A
6A
20A
10A
32°
S305
––
––
SPDT
ON
2-3
NONE
(ON)
2-1
15A
6A
20A
8A
32°
S308
––
––
SPDT
(ON)
2-3
OFF
(ON)
2-1
15A
6A
20A
8A
32°
S309
––
––
SPDT
ON
2-3
OFF
(ON)
2-1
15A
6A
20A
8A
32°
Throw &
Schematics:
SPST
Keyway
SPDT
3
1
INTERNAL
CONNECTION
2 (COM)
1
3
Note: Terminal numbers are
actually on the switch
R
C
R
US
(9.0)
.354
(12.5) Dia
.492
(3.0) Dia
.118
Maximum
Panel Thickness:
.185” (4.7mm)
Notes: Standard Hardware: AT503M Face Hex Nut, AT506M Locking Ring, AT508 Lockwasher, AT527M Backup Hex Nut. See Accessories & Hardware section.
Optional Splashproof Boot Assemblies: AT401 & AT4181 boots plus hex nut & o-ring. See Accessories & Hardware section.
* Wire harness & cable assemblies offered only in Americas.
S331
Keyway
(19.0)
.748
(17.5)
.689
(12.0)
.472
(25.1)
.988
α
(6.1) Dia
.240
M12 P1
(2.4) Dia Typ
.094
(4.8) Typ
.189
(5.7)
.224
6
3
2
1
4
5
(33.2)
1.307
DOUBLE POLE WITH SOLDER LUG *
* UL, cULus & CSA recognized only when ordered
with marking on switch (see General Specs)
Toggle Position/Connected Terminals
( ) = Momentary
Electrical Capacity
Model
*Approvals
Pole &
Throw
Down
Center
Up
Resistive
Inductive
α =
Angle
of Throw
AC
125V
AC
250V
DC
30V
AC 125V
PF 0.6
S331
DPST
ON
1-3 4-6
NONE
OFF
—
25A
25A
25A
10A
25°
S332
DPDT
ON
2-3 5-6
NONE
ON
2-1 5-4
25A
15A
25A
10A
25°
S333
DPDT
ON
2-3 5-6
OFF
ON
2-1 5-4
25A
15A
25A
10A
30°
S335
DPDT
ON
2-3 5-6
NONE
(ON) 2-1 5-4
15A
6A
20A
8A
25°
S338
––
DPDT
(ON) 2-3 5-6
OFF
(ON) 2-1 5-4
15A
6A
20A
8A
25°
S339
––
DPDT
ON
2-3 5-6
OFF
(ON) 2-1 5-4
15A
6A
20A
8A
25°
Throw &
Schematics:
DPST
Keyway
DPDT
4
6
1
3
25
(COM)
6
4
INTERNAL
CONNECTION
3
1
Note: Terminal numbers are
actually on the switch
R
C
R
US
S331 does not have
terminals 2 & 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com