Electronic Components Datasheet Search
  English  ▼

X  

TLC5602C Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC5602C
Description  VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5602C Datasheet(HTML) 3 Page - Texas Instruments

  TLC5602C Datasheet HTML 1Page - Texas Instruments TLC5602C Datasheet HTML 2Page - Texas Instruments TLC5602C Datasheet HTML 3Page - Texas Instruments TLC5602C Datasheet HTML 4Page - Texas Instruments TLC5602C Datasheet HTML 5Page - Texas Instruments TLC5602C Datasheet HTML 6Page - Texas Instruments TLC5602C Datasheet HTML 7Page - Texas Instruments TLC5602C Datasheet HTML 8Page - Texas Instruments TLC5602C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TLC5602C, TLC5602M
VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS023D – FEBRUARY 1989 – REVISED JANUARY 2002
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematics of equivalent input and output
EQUIVALENT OF ANALOG OUTPUT
EQUIVALENT OF EACH DIGITAL INPUT
ANLG‡
GND
A OUT
80
Ω
ANLG VDD1
Dn
DGTL VDD
ANLG‡
GND
DGTL‡
GND
DGTL VDD
‡ ANLG GND and DGTL GND do not connect internally and should be tied together as close to the device terminals as possible.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, ANLG VDD, DGTL VDD
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range, VI
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog reference voltage range, Vref
VDD – 1.7 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TLC5602C
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLC5602M
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4.75
5
5.25
V
Analog reference voltage, Vref
3.8
4
4.2
V
High-level input voltage, VIH
2
V
Low-level input voltage, VIL
0.8
V
Pulse duration, CLK high or low, tw
25
ns
Setup time, data before CLK
↑, tsu
16.5
ns
Hold time, data after CLK
↑, th
12.5
ns
Phase compensation capacitance, Ccomp (see Note 1)
1
µF
Load resistance, RL
75
Ω
Operating free air temperature TA
TLC5602C
0
70
°C
Operating free-air temperature,TA
TLC5602M
– 55
125
°C
NOTE 1: The phase compensation capacitor should be connected between COMP and ANLG GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com