Electronic Components Datasheet Search
  English  ▼

X  

TLC3545ID Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC3545ID
Description  5-V, LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC3545ID Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC3545ID Datasheet HTML 5Page - Texas Instruments TLC3545ID Datasheet HTML 6Page - Texas Instruments TLC3545ID Datasheet HTML 7Page - Texas Instruments TLC3545ID Datasheet HTML 8Page - Texas Instruments TLC3545ID Datasheet HTML 9Page - Texas Instruments TLC3545ID Datasheet HTML 10Page - Texas Instruments TLC3545ID Datasheet HTML 11Page - Texas Instruments TLC3545ID Datasheet HTML 12Page - Texas Instruments TLC3545ID Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TLC3541, TLC3545
SLAS345 − DECEMBER 2001
9
www.ti.com
TYPICAL CHARACTERISTICS
Figure 7
−98
−96
−94
−92
−90
−88
−86
−84
−82
−40
25
80
TOTAL HARMONIC DISTORTION
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
fi = 1 kHz
fi = 15 kHz
fi = 100 kHz
Figure 8
82.5
82.6
82.7
82.8
82.9
83
83.1
83.2
83.3
83.4
−40
25
80
SIGNAL-TO-NOISE RATIO
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
fi = 1 kHz
fi = 15 kHz
Figure 9
−101.0
−100.5
−100.0
−99.5
−99.0
−98.5
−98.0
−97.5
4.0
4.5
5.0
TOTAL HARMONIC DISTORTION
vs
REFERENCE VOLTAGE
VREF − Reference Voltage − V
Figure 10
81.8
82.0
82.2
82.4
82.6
82.8
83.0
4.0
4.5
5.0
SIGNAL-TO-NOISE RATIO
vs
REFERENCE VOLTAGE
VREF − Reference Voltage − V
fi = 1.5 kHz, 200 KSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com