Electronic Components Datasheet Search
  English  ▼

X  

TLC5540INSLE Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC5540INSLE
Description  8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5540INSLE Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC5540INSLE Datasheet HTML 4Page - Texas Instruments TLC5540INSLE Datasheet HTML 5Page - Texas Instruments TLC5540INSLE Datasheet HTML 6Page - Texas Instruments TLC5540INSLE Datasheet HTML 7Page - Texas Instruments TLC5540INSLE Datasheet HTML 8Page - Texas Instruments TLC5540INSLE Datasheet HTML 9Page - Texas Instruments TLC5540INSLE Datasheet HTML 10Page - Texas Instruments TLC5540INSLE Datasheet HTML 11Page - Texas Instruments TLC5540INSLE Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
TLC5540
SLAS105D − JANUARY 1995 − REVISED APRIL 2004
www.ti.com
8
TYPICAL CHARACTERISTICS
Figure 3
POWER DISSIPATION
vs
SAMPLING FREQUENCY
100
50
0
0
5
10
20
150
200
30
fs − Sampling Frequency − MHz
VDD = 5 V
TA = 25°C
15
25
35
40
Figure 4
0.1
1
10
100
ANALOG INPUT BANDWIDTH
0.5
0
−0.5
−1
−1.5
−2
−2.5
−3
−4
−4.5
−5
VCC = 5 V, VRT = 2.6 V, VRB = 0.6 V
CLK = 40 MHz
ANALOG IN = 100 k − 100 MHz Sine Wave
VI = 2 V(PP)
fI − Input Frequency − MHz
−3.5
Figure 5
EFFECTIVE NUMBER OF BITS
vs
INPUT FREQUENCY
fI − Input Frequency − MHz
2
0
8
4
0
5
10
15
6
1
3
5
7
fs = 20 MHz
VDD = 5 V, VI = 1 V(PP)
VRB = 2.6 V, VRT = 0.6 V
fs = 40 MHz
Figure 6
SIGNAL-TO-NOISE RATIO
vs
INPUT FREQUENCY
fI − Input Frequency − MHz
30
20
10
0
05
10
40
50
15
VDD = 5 V, VI = 1 V(PP)
VRB = 2.6 V, VRT = 0.6 V
fs = 20 MHz
5
15
25
35
45
fs = 40 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com