Electronic Components Datasheet Search
  English  ▼

X  

TLC5618AMFKB Datasheet(PDF) 14 Page - Texas Instruments

Part # TLC5618AMFKB
Description  PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5618AMFKB Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC5618AMFKB Datasheet HTML 10Page - Texas Instruments TLC5618AMFKB Datasheet HTML 11Page - Texas Instruments TLC5618AMFKB Datasheet HTML 12Page - Texas Instruments TLC5618AMFKB Datasheet HTML 13Page - Texas Instruments TLC5618AMFKB Datasheet HTML 14Page - Texas Instruments TLC5618AMFKB Datasheet HTML 15Page - Texas Instruments TLC5618AMFKB Datasheet HTML 16Page - Texas Instruments TLC5618AMFKB Datasheet HTML 17Page - Texas Instruments TLC5618AMFKB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
TLC5618, TLC5618A
PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS156G – JULY 1997 – REVISED APRIL 2001
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
serial interface
When chip select (CS) is low, the input data is read into a 16-bit shift register with the input data clocked in, most
significant bit first. The falling edge of the SCLK input shifts the data into the input register.
The rising edge of CS then transfers the data to the DAC register. When CS is high, input data cannot be clocked
into the input register.
The 16 bits of data can be transferred with the sequence shown in Figure 18.
D15
D14
D13
D12
D11
12 Data Bits
D0
Program Bits
Data Bits
16 Bits
MSB (Input Word)
MSB (Data)
LSB (Data, Input Word)
Figure 18. Input Data Word Format
Table 2 shows the function of program bits D15 – D12.
Table 2. Program Bits D15 – D12 Function
PROGRAM BITS
DEVICE FUNCTION
D15
D14
D13
D12
DEVICE FUNCTION
1
X
X
X
Write to latch A with serial interface register data
and latch B updated with buffer latch data
0
X
X
0
Write to latch B and double buffer latch
0
X
X
1
Write to double buffer latch only
X
0
X
X
12.5
µs settling time
X
1
X
X
2.5
µs settling time
X
X
0
X
Powered-up operation
X
X
1
X
Power down mode
function of the latch control bits (D15 and D12)
Three data transfers are possible. All transfers occur immediately after CS goes high and are described in the
following sections.
latch A write, latch B update (D15 = high, D12 = X)
The serial interface register (SIR) data are written to latch A and the double buffer latch contents are written to
latch B. The double buffer contents are unaffected. This program bit condition allows simultaneous output
updates of both DACs.
Serial
Interface
Register
D12 = X
D15 = High
Latch A
Latch B
Double
Buffer Latch
To DAC A
To DAC B
Figure 19. Latch A Write, Latch B Update



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com