Electronic Components Datasheet Search
  English  ▼

X  

TLC5960DA Datasheet(PDF) 17 Page - Texas Instruments

Part # TLC5960DA
Description  Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM™)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5960DA Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLC5960DA Datasheet HTML 13Page - Texas Instruments TLC5960DA Datasheet HTML 14Page - Texas Instruments TLC5960DA Datasheet HTML 15Page - Texas Instruments TLC5960DA Datasheet HTML 16Page - Texas Instruments TLC5960DA Datasheet HTML 17Page - Texas Instruments TLC5960DA Datasheet HTML 18Page - Texas Instruments TLC5960DA Datasheet HTML 19Page - Texas Instruments TLC5960DA Datasheet HTML 20Page - Texas Instruments TLC5960DA Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
EN
CTRL1
Internal
CLK
D1
D2
XFLT
t
=t
+t
DET
DET1
DET2
t
DET1
t
DET2
t
D
t
DET1
t
DET1
t
D
t
DET1
LED
Open
Recovery
LEDRemainsOff
whenProtected
XFLTErrorNotification
LOD,LSD,FODCheck
LEDOnwithNoErrorOutputs
LOD,LSD,FODCheck
LOD,LSD,FODCheck
LEDOnwithNoErrorOutputs
LEDOpenDetected
ErrorStatus
Release
TLC5960
www.ti.com
SBVS147 – SEPTEMBER 2010
FAILURE MODE DETECTION AND RELEASE TIMING
When the FET is on, the TLC5960 protects the system by monitoring the triggers of the LOD, LSD, and FOD
detectors. After the LED channel is on (EN = CTRLn = high), the TLC5960 waits for a detection time of tDET1
before capturing the drain and source node information on the external FETs.
In case the error comparator(s) detect an abnormal status, the TLC5960 starts to determine whether this state is
a true error condition or not. If the status is determined as an error in system with a processing time of tDET2, the
TLC5960 shuts off the corresponding channel(s), separates it from the operating channels, and the XFLT
notification sequence is started.
After the abnormal situation is recovered, toggling of the EN pin (high-to-low-to-high) reverts the TLC5960 to the
default operating status. Otherwise, the device remains in the error status until VIN is less than VPOR. The
detection time (tDET1) and error processing time (tDET2) are both set to 13µs. Figure 20 shows the case of CTRL1,
D1, and D2.
Figure 20. LOD, LSD, and FOD Detection and Error Status Release
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TLC5960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com