Electronic Components Datasheet Search
  English  ▼

X  

TLE2037A Datasheet(PDF) 14 Page - Texas Instruments

Part # TLE2037A
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2037A Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLE2037A Datasheet HTML 10Page - Texas Instruments TLE2037A Datasheet HTML 11Page - Texas Instruments TLE2037A Datasheet HTML 12Page - Texas Instruments TLE2037A Datasheet HTML 13Page - Texas Instruments TLE2037A Datasheet HTML 14Page - Texas Instruments TLE2037A Datasheet HTML 15Page - Texas Instruments TLE2037A Datasheet HTML 16Page - Texas Instruments TLE2037A Datasheet HTML 17Page - Texas Instruments TLE2037A Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
TLE2027Q1, TLE2037Q1, TLE2027AQ1, TLE2037AQ1
EXCALIBUR LOW NOISE HIGHSPEED
PRECISION OPERATIONAL AMPLIFIERS
SGLS202A − OCTOBER 2003 – REVISED OCTOBER 2006
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
AVD
Phase Shift
VCC± = ±15 V
RL = 2 kΩ
CL = 100 pF
TA = 25°C
275
°
75
°
250
°
225
°
200
°
175
°
150
°
125
°
100
°
140
120
100
80
60
40
20
100 k
100
160
100 M
f − Frequency − Hz
0
0.1
Figure 21
TLE2027
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
0.1
0
f − Frequency − MHz
100 M
160
100
100 k
20
40
60
80
100
120
140
100
°
125
°
150
°
175
°
200
°
225
°
250
°
75
°
275
°
Phase Shift
AVD
TA = 25°C
CL = 100 pF
VCC
± = ±15 V
RL = 2 kΩ
Figure 22
TLE2037
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com