Electronic Components Datasheet Search
  English  ▼

X  

TLE2426 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLE2426
Description  THE “RAIL SPLITTER” PRECISION VIRTUAL GROUND
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2426 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLE2426 Datasheet HTML 5Page - Texas Instruments TLE2426 Datasheet HTML 6Page - Texas Instruments TLE2426 Datasheet HTML 7Page - Texas Instruments TLE2426 Datasheet HTML 8Page - Texas Instruments TLE2426 Datasheet HTML 9Page - Texas Instruments TLE2426 Datasheet HTML 10Page - Texas Instruments TLE2426 Datasheet HTML 11Page - Texas Instruments TLE2426 Datasheet HTML 12Page - Texas Instruments TLE2426 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TLE2426Q1
THE RAIL SPLITTER"
PRECISION VIRTUAL GROUND
SGLS252A − AUGUST 2004 − REVISED JUNE 2008
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
50
40
20
10
0
90
30
10
100
1 k
10 k
70
60
80
RIPPLE REJECTION
vs
FREQUENCY
100
100 k
1 M
f − Frequency − Hz
VI = 5 V or 12 V
∆VI(PP) = 1 V
IO = 0
TA = 25°C
CNR = 1 µF
CNR = 0
Figure 14
100 k
200
100
0
400
300
1
SPECTRAL NOISE VOLTAGE DENSITY
vs
FREQUENCY
f − Frequency − Hz
10
100
1 k
10 k
CNR = 1 µF
VI = 5 V or 12 V
TA = 25°C
CNR = 0
Figure 15
IO Step
0
−1
−1.5 V
4
−2
0
1000
2000
2
1
3
OUTPUT VOLTAGE RESPONSE
TO OUTPUT CURRENT STEP
1.5 V
3000
4000
Time −
µs
0.1%
0.01%
10 mA
0.01%
0.1%
− 10 mA
−4
−3
VI = 5 V
CL = 100 pF
TA = 25°C
Figure 16
0.1%
OUTPUT VOLTAGE POWER-UP RESPONSE
1
0
0
3
2
0
50
100
200
Time −
µs
2.5
1.5
0.5
5
Output Voltage Response
Input Voltage Step
0.01%
150
IO = 0
CL = 100 pF
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com