Electronic Components Datasheet Search
  English  ▼

X  

TLV1544CD Datasheet(PDF) 28 Page - Texas Instruments

Part # TLV1544CD
Description  LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV1544CD Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLV1544CD Datasheet HTML 24Page - Texas Instruments TLV1544CD Datasheet HTML 25Page - Texas Instruments TLV1544CD Datasheet HTML 26Page - Texas Instruments TLV1544CD Datasheet HTML 27Page - Texas Instruments TLV1544CD Datasheet HTML 28Page - Texas Instruments TLV1544CD Datasheet HTML 29Page - Texas Instruments TLV1544CD Datasheet HTML 30Page - Texas Instruments TLV1544CD Datasheet HTML 31Page - Texas Instruments TLV1544CD Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
TLV1544C, TLV1544I, TLV1548C, TLV1548I, TLV1548M
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
SLAS139C – DECEMBER 1996 – REVISED JANUARY 1999
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
1000000000
0111111111
0000000010
0000000001
0000000000
1111111110
0
0.0096
2.4528
2.4576
2.4624
1000000001
1111111101
1111111111
4.9128
4.9140
4.9152
512
511
2
1
0
1022
513
1021
1023
VI – Analog Input Voltage – V
VZT = VZS + 1/2 LSB
VZS
See Notes A and B
0.0048
VFT = VFS – 1/2 LSB
VFS
VFSnom
NOTES: A. This curve is based on the assumption that Vref+ and Vref – have been adjusted so that the voltage at the transition from digital 0
to 1 (VZT) is 0.0024 V, and the transition to full scale (VFT) is 4.908 V. 1 LSB = 4.8 mV.
B. The full-scale value (VFS) is the step whose nominal midstep value has the highest absolute value. The zero-scale value (VZS) is
the step whose nominal midstep value equals zero.
Figure 37. Ideal Conversion Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com