Electronic Components Datasheet Search
  English  ▼

X  

TLE2161 Datasheet(PDF) 27 Page - Texas Instruments

Part # TLE2161
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE mPOWER OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2161 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLE2161 Datasheet HTML 23Page - Texas Instruments TLE2161 Datasheet HTML 24Page - Texas Instruments TLE2161 Datasheet HTML 25Page - Texas Instruments TLE2161 Datasheet HTML 26Page - Texas Instruments TLE2161 Datasheet HTML 27Page - Texas Instruments TLE2161 Datasheet HTML 28Page - Texas Instruments TLE2161 Datasheet HTML 29Page - Texas Instruments TLE2161 Datasheet HTML 30Page - Texas Instruments TLE2161 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
TLE2161, TLE2161A, TLE2161B
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS049D – NOVEMBER 1989 – REVISED MAY 1996
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
macromodel information (continued)
.subckt TLE2161 1 2 3 4 5
c1
11
12
125.4E–14
c2
6
7
5.000E–12
dc
5
53
dx
de
54
5d
x
dlp
90
91
dx
dln
92
90
dx
dp
4
3
dx
egnd
99
0
poly(2) (3,0) (4,0) 0 .5 .5
fb
7
99
poly(5) vb vc ve vlp vln 0 4.085E6 –4E6 4E6 4E6 –4E6
ga
6
0
11 12 201.1E–6
gcm
0
6
10 99 3.576E–9
iss
3
10
dc 45.00E–6
hlim
90
0
vlim 1K
j1
11
2
10 jx
j2
12
1
10 jx
r2
6
9
100.0E3
rd1
4
11
4.973E3
rd2
4
12
4.973E3
ro1
8
5
280
ro2
7
99
280
rp
3
4
113.2E3
rss
10
99
4.444E6
vb
9
0
dc 0
vc
3
53
dc 2
ve
54
4
dc 2
vlim
7
8
dc 0
vlp
91
0
dc 50
vln
0
92
dc 50
.model dx
D
(Is=800.0E–18)
.model jx PJF
(Is=1.000E–12 Beta=480E–6 Vto=–1)
.ends
Figure 37. Macromodel Subcircuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com