Electronic Components Datasheet Search
  English  ▼

X  

S33F Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # S33F
Description  GENERAL SPECIFICATIONS FOR S301 ~ S339
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

S33F Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  S33F Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. S33F Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. S33F Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. S33F Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. S33F Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. S33F Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. S33F Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. S33F Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. S33F Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Series S
Medium/High Capacity Standard Size Toggles
www.nkk.com
A102
A
Electrical Capacity (Resistive & Inductive Load)
Power Level:
Shown in the following tables
Other Ratings
Contact Resistance:
10 milliohms maximum
Insulation Resistance:
1,000 megohms minimum @ 500V DC
Dielectric Strength:
2,000V AC minimum for 1 minute minimum
Mechanical Life:
50,000 operations minimum
Electrical Life:
6,000 operations minimum for S331F; 15,000 operations minimum for all other S331s;
25,000 operations minimum for all others
Angle of Throw (α):
Shown on following tables
Materials & Finishes
Toggle:
PBT for flatted lever; brass with chrome plating for all others
Bushing:
Brass with chrome plating
Case:
Melamine phenol
Case Cover:
Steel with zinc plating
Movable Contactor:
Copper with silver plating
Movable & Stationary Contacts:
Silver alloy capped on copper with silver plating
Terminals:
Brass with tin plating
Environmental Data
Operating Temperature Range:
–10°C ~ +70°C (+14°F ~ +158°F)
Installation
Mounting Torque:
2.94Nm (26 lb•in) for double nut; 1.47Nm (13 lb•in) for single nut
Soldering Time & Temperature:
Manual Soldering: See Profile A in Supplement section.
Standards & Certifications
UL:
File No. E44145 - Recognized only when ordered with marking on switch.
Add “/U” or “/CUL” to end of part number to order UL recognized switch.
UL or cULus recognition designated beside part numbers on following pages.
See Supplement section to find UL or cULus rating details.
CSA:
File No. 023535_0_000 - Certified only when ordered with marking on switch.
Add “/C” to end of part number to order CSA certified switch.
CSA certification designated beside part numbers on following pages.
See Supplement section to find CSA rating details
GENERAL SPECIFICATIONS FOR S301 ~ S339


Similar Part No. - S33F

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
S33F NKK-S33F Datasheet
447Kb / 10P
Medium/High Capacity Standard Size Toggles
logo
Yangzhou yangjie electr...
S33F YANGJIE-S33F Datasheet
104Kb / 2P
Schottky Rectifier
logo
RFE international
S33F RFE-S33F Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
11-09-2022
More results

Similar Description - S33F

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
General Specifications
06035A2R7BAT2A AVX-06035A2R7BAT2A Datasheet
134Kb / 4P
General Specifications
06035C103KAT4A AVX-06035C103KAT4A Datasheet
131Kb / 4P
General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
General Specifications
08055C220JAT2A AVX-08055C220JAT2A Datasheet
131Kb / 4P
General Specifications
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
General Specifications
logo
Nihon Kaiheiki Industry...
M2012S2A2G30 NKK-M2012S2A2G30 Datasheet
338Kb / 10P
General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com