Electronic Components Datasheet Search
  English  ▼

X  

TLV1570CPWRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV1570CPWRG4
Description  2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV1570CPWRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TLV1570CPWRG4 Datasheet HTML 1Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 2Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 3Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 4Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 5Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 6Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 7Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 8Page - Texas Instruments TLV1570CPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
TLV1570
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS
SERIAL ANALOG-TO-DIGITAL CONVERTER
SLAS169B – DECEMBER 1997– REVISED OCTOBER 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
sampling frequency, fs
The TLV1570 requires 16 SCLKs for each sampling and conversion, therefore the equivalent maximum
sampling frequency achievable with a given SCLK frequency is:
fs(MAX) = (1/16)fSCLK
power down
The TLV1570 offers two different power-down options. With autopower-down mode enabled, (DI4=0) the ADC
proceeds to power down if FS is not detected on the 17th falling SCLK edge of a cycle (a cycle starts with FS
being detected on a falling edge of SCLK) in DSP mode and after 16 SCLKs in
µC mode. The TLV1570 will
recover from auto power down when FS goes high in DSP mode or when the next SCLK comes in
µC mode.
In the case of software power down, the ADC goes to the software power-down state one cycle after CR.DI15
is set to 1. Unlike autopower down which recovers in 1 SCLK, software power down takes 16 SCLKs to recover.
DESCRIPTION
AUTOPOWER DOWN
SOFTWARE
POWERDOWN
CS = DVDD
Maximum power down dissipation current
300
µA
10
µA
Comparator
Power down
Powerdown
Clock buffer†
Power down
Powerdown
Reference
Active
Powerdown
Register
Not saved
Not saved
Minimum power down time
1 SCLK
1
µs
Minimum resume time
1 SCLK
800 ns
Power down
DSP mode
No FS present one SCLK after previous conversion completed
CR.DI15 set to 1
Power down
Microprocessor mode (FS = 1)
SCLK stopped after previous conversion completed
CR.DI15 set to 1
Power up
DSP mode
FS present
CR.DI15 set to 1
Power up
Microprocessor mode (FS = 1)
SCLK present
CR.DI15 set to 1
† Only in DSP mode is input buffer of clock in power-down mode.
‡ The software power down enable/disable bit is not acted until the start of the next cycle (see section configuring the TLV1570 for more information.
configuring the TLV1570
The TLV1570 is to be configured by writing the control bits to SDIN. The configuration will not take affect until
the next cycle. A new configuration is needed for each conversion. Once the channel input and other options
are selected, the conversion takes place in the next cycle. Conversion results are shifted out as conversion
progresses ( see Figure 2).
17
32
One Cycle
Second Cycle
ts
tconv
ts
tconv
Result 0
Result 1
Configure Data 1
Configure Data 2
SCLK
SDOUT
SDIN
Figure 2. TLV1570 Configuration Cycle Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com