Electronic Components Datasheet Search
  English  ▼

X  

TLV1570CPWR.A Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV1570CPWR.A
Description  2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV1570CPWR.A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV1570CPWR.A Datasheet HTML 4Page - Texas Instruments TLV1570CPWR.A Datasheet HTML 5Page - Texas Instruments TLV1570CPWR.A Datasheet HTML 6Page - Texas Instruments TLV1570CPWR.A Datasheet HTML 7Page - Texas Instruments TLV1570CPWR.A Datasheet HTML 8Page - Texas Instruments TLV1570CPWR.A Datasheet HTML 9Page - Texas Instruments TLV1570CPWR.A Datasheet HTML 10Page - Texas Instruments TLV1570CPWR.A Datasheet HTML 11Page - Texas Instruments TLV1570CPWR.A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
TLV1570
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS
SERIAL ANALOG-TO-DIGITAL CONVERTER
SLAS169B – DECEMBER 1997– REVISED OCTOBER 2000
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
initialization-software sequence (continued)
The TLV1570 interfaces to a DSP over five lines: CS, SCLK, SDOUT, SDIN, and FS, and interfaces to a
µC over
four lines: CS, SCLK, SDOUT, and SDIN. The FS input should be pulled high in
µC mode. The device is in 3-state
and power-down mode when CS is high. After CS falls, the TLV1570 checks the FS input at the CS falling edge
to determine the operation mode. If FS is low, DSP mode is set, otherwise
µC mode is set.
CS
SCLK
FS
SDIN
SDOUT
XF
CLKX
CLKR
FSX
FSR
DX
DR
TLV1570
TMS320
CS
SCLK
FS
SDIN
SDOUT
I/O Terminal
SCLK
DX
DR
TLV1570
µC
DVDD
Figure 3. DSP to TLV1570 Interface
Figure 4.
µC to TLV1570 Interface
grounding and decoupling considerations
General practices should apply to the PCB design to limit high frequency transients and noise that are fed back
into the supply and reference lines (see Figure 5). This requires that the supply and reference pins be sufficiently
bypassed. In most cases 0.1
µF ceramic chip capacitors are adequate to keep the impedance low over a wide
frequency range. Since their effectiveness depends largely on the proximity to the individual supply pin. They
should be placed as close to the supply pins as possible.
To reduce high frequency and noise coupling, it is highly recommended that digital and analog ground be
shorted immediately outside the package. This can be accomplished by running a low impedance line between
DGND and AGND, under the package.
AVDD
AGND
REF
TLV1570
100 nF
100 nF
DVDD
DGND
100 nF
Figure 5. Placement of Decoupling Capacitors
power supply ground layout
Printed-circuit boards that use separate analog and digital ground planes offer the best system performance.
Wire-wrap boards do not perform well and should not be used. The two ground planes should be connected
together at the low-impedance power-supply source. The best ground connection may be achieved by
connecting the ADC AGND terminal to the system analog ground plane making sure that analog ground
currents are well managed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com