Electronic Components Datasheet Search
  English  ▼

X  

PM6641 Datasheet(PDF) 34 Page - STMicroelectronics

Part # PM6641
Description  Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6641 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button PM6641 Datasheet HTML 30Page - STMicroelectronics PM6641 Datasheet HTML 31Page - STMicroelectronics PM6641 Datasheet HTML 32Page - STMicroelectronics PM6641 Datasheet HTML 33Page - STMicroelectronics PM6641 Datasheet HTML 34Page - STMicroelectronics PM6641 Datasheet HTML 35Page - STMicroelectronics PM6641 Datasheet HTML 36Page - STMicroelectronics PM6641 Datasheet HTML 37Page - STMicroelectronics PM6641 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
Device description
PM6641
34/47
7.11.3
Thermal shutdown
If the device temperature exceeds 150 ºC, a thermal protection is triggered. As a
consequence, the Output Soft End takes place for all the outputs of the PM6641 (VDDQ rail
(1.8 V), VTT, VTTREF, 1.5 V, 1.05 V) by closing the output discharge MOSFET (see
Chapter 7.7: Outputs Soft-End on page 29
section for details) .
The thermal protection condition is not latched: the device leaves this condition and
reactivates itself automatically when its temperature falls below 135 ºC (i.e. there is a 15 ºC
of hysteresis).
7.11.4
Input under voltage lock-out
The PM6641 AVCC pin is the device power supply input. This pin must be fed with 5 V,
±10 % in order to allow the device to work properly. If this rail falls under 3.9 V typical
threshold, the input under voltage is detected and the device performs the Under Voltage
Lock-Out (UVLO) protection. When this event occurs, each regulator stops switching and
the following actions are performed:
The memory supply rails (VDDQ, VTT and VTTREF) are discharged by closing the
output discharge MOSFET (see Chapter 7.7: Outputs Soft-End on page 29 section for
details);
Chipset power supply output rails (1V5 and 1V05 rails) are discharged through the low
side power MOSFETs;
The device is turned OFF.
The PM6641 is turned on again when the AVCC pin voltage reaches the UVLO on threshold
(about 4.1 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com