Electronic Components Datasheet Search
  English  ▼

X  

SLWS141 Datasheet(PDF) 23 Page - Texas Instruments

Part # SLWS141
Description  SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLWS141 Datasheet(HTML) 23 Page - Texas Instruments

Back Button SLWS141 Datasheet HTML 19Page - Texas Instruments SLWS141 Datasheet HTML 20Page - Texas Instruments SLWS141 Datasheet HTML 21Page - Texas Instruments SLWS141 Datasheet HTML 22Page - Texas Instruments SLWS141 Datasheet HTML 23Page - Texas Instruments SLWS141 Datasheet HTML 24Page - Texas Instruments SLWS141 Datasheet HTML 25Page - Texas Instruments SLWS141 Datasheet HTML 26Page - Texas Instruments SLWS141 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
3–11
3.8
Smart Time Division Multiplexed Serial Port (SMARTDM)
The smart time division multiplexed serial port (SMARTDM) uses the 4 wires of DOUT, DIN, SCLK, and FS to transfer
data into and out of the AIC15. The TLV320AIC15s SMARTDM supports three serial interface configurations (see
Table 3–2): stand-alone master, stand-alone slave, and master-slave cascade, employing a time division multiplexed
(TDM) scheme (a cascade of only-slaves is not supported). The SMARTDM allows for a serial connection of up to
16 codecs to a single serial port. Data communication in these three serial interface configurations can be carried
out in either standard operation (default) or turbo operation. Each operation has two modes; programming mode
(default mode) and continuous data transfer mode. To switch from the programming mode to the continuous data
transfer mode, set bit D6 of control register 1 to 1, which resets after switching back to programming mode. The
TLV320AIC15 can be switched back from the continuous data transfer mode to the programming mode by setting
the LSB of the data on DIN to 1, only if the data format is (15+1), as selected by bit 0 of control register 1. The
SMARTDM automatically adjusts the number of time slots per frame sync (FS) to match the number of codecs in the
serial interface so that no time slot is wasted. Both the programming mode and the continuous data transfer mode
of the TLV320AIC15 are compatible with the TLV320AIC10. The TLV320AIC15 provides primary/secondary
communication and continuous data transfer with improvements and eliminates the requirements for hardware and
software requests for secondary communication as seen in the TLV320AIC10. The TLV320AIC15 continuous data
transfer mode now supports both master/slave stand-alone and cascade.
Table 3–2. Serial Interface Configurations
TLV320AIC15
M/S PIN
FSD PIN
COMMENTS
TLV320AIC15
CONNECTIONS
MASTER
SLAVE
MASTER
SLAVE
COMMENTS
Stand-alone master
High
NA
Pull high
NA
Stand-alone slave
NA
Low
NA
Pull low
Master-slave cascade
High
Low
Connect to the next slave’s FS
(see Figure 3–7)
Last slave’s FSD pin is pulled high
Slave-slave cascade
NA
NA
NA
NA
Not supported
3.8.1
Programming Mode
In the programming mode, the FS signal starts the input/output data stream. Each period of FS contains two frames
as shown in Figures 3–13 and 3–14: data frame and control frame. The data frame contains data transmitted from
the ADC or to the DAC. The control frame contains data to program the AIC15s control registers. The SMARTDM
automatically sets the number of time slots per frame equal to two times the number of AIC15 codecs in the interface.
Each time slot contains 16-bit data. The SCLK is used to perform data transfer for the serial interface between the
AIC15 codecs and the DSP. The frequency of SCLK varies depending on the selected mode of serial interface. In
the stand-alone mode, there are 32 SCLKs (or two time slots) per sampling period. In the master-slave cascade
mode, the number of SLCKs equals 32x(Number of codecs in the cascade). The digital output data from the ADC
is taken from DOUT. The digital input data for the DAC is applied to DIN. The synchronization clock for the serial
communication data and the frame-sync is taken from SCLK. The frame-sync signal that starts the ADC and DAC
data transfer interval is taken from FS. The SMARTDM also provides a turbo mode, in which the FS’s frequency is
always the device’s sampling frequency, but SCLK is running at a much higher speed. Thus, there are more than 32
SCLKs per sampling period, in which the data frame and control frame occupy only the first 32 SCLKs from the falling
edge of the frame-sync FS (also see Section 3.6 for more details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com