Electronic Components Datasheet Search
  English  ▼

X  

SLAS363 Datasheet(PDF) 30 Page - Texas Instruments

Part # SLAS363
Description  SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS363 Datasheet(HTML) 30 Page - Texas Instruments

Back Button SLAS363 Datasheet HTML 26Page - Texas Instruments SLAS363 Datasheet HTML 27Page - Texas Instruments SLAS363 Datasheet HTML 28Page - Texas Instruments SLAS363 Datasheet HTML 29Page - Texas Instruments SLAS363 Datasheet HTML 30Page - Texas Instruments SLAS363 Datasheet HTML 31Page - Texas Instruments SLAS363 Datasheet HTML 32Page - Texas Instruments SLAS363 Datasheet HTML 33Page - Texas Instruments SLAS363 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
4–2
4.2
Control Register 2
D7
D6
D5
D4
D3
D2
D1
D0
TURBO
DIFBP
I2C6
I2C5
I2C4
GPO
HPC
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
NOTE: R = Read, W = Write
Table 4–2. Control Register 2 Bit Summary
BIT
NAME
RESET
VALUE
FUNCTION
D7
TURBO
0
Turbo mode. This bit is used to set the SCLK rate.
TURBO = 0 SCLK = (16
× FS × #Device × mode)
TURBO = 1 SCLK = MCLK/P (P is determined in register 4)
D6
DIFBP
0
Decimation/interpolation filter bypass. This bit is used to bypass both decimation and interpolation filters.
DIFBP = 0
Decimation/interpolation filters are operated.
DIFBP = 1
Decimation/interpolation filters are bypassed.
D5–D3
I2Cx
100
I2C device address. These three bits are programmable to define three MSBs of the I2C device address (reset
value is 100). These three bits are combined with the 4-bit SMARTDM device address to form 7-bit I2C device
address.
D2
GPO
0
General-purpose output
D1–D0
HPC
00
Host port control bits.
Write the following values into D1–D0 to select the appropriate configuration for two pins SDA and SCL. SDA pin
is set to be equal to D2 if D1–D0 = 10.
D1–D0
0
0
SDA and SCL pins are used for I2C interface
0
1
SDA and SCL pins are used for S2C interface
1
0
SDA pin = D2, input going into SCL pin is output to DOUT
1
1
SDA pin = Control frame flag.
4.3
Control Register 3
D7
D6
D5
D4
D3
D2
D1
D0
PWDN
SWRS
OSR-option
ASRF
R/W
R/W
R/W
R/W
R/W
NOTE: R = Read, W = Write
Table 4–3. Control Register 3 Bit Summary
BIT
NAME
RESET
VALUE
FUNCTION
D7–D6
PWDN
00
Power down
PWDN = 00 No power down
PWDN = 01 Power-down A/D
PWDN = 10 Power-down D/A
PWDN = 11 Software power down the entire device
D5
SWRS
0
Software reset. Set this bit to 1 to reset the device.
D4-D3
OSR op-
tion
00
OSR option.
D4–D3=X1 OSR for DAC Channel is 512( Max Fs=8Ksps)
D4–D3=10 OSR for DAC Channel is 256( Max Fs=16Ksps)
D4–D3=00 OSR for DAC Channel is 128(Max Fs=26Ksps)
D2-D0
ASRF
001
Asynchronous sampling rate factor. These three bits define the ratio n between FS frequency and the
desired sampling frequency fs (Applied only if different sampling rate between CODEC1 and CODEC2 is
desired)
ASRF = 001 n = FS/fs = 1
ASRF = 010 n = FS/fs = 2
ASRF = 011 n = FS/fs = 3
ASRF = 100 n = FS/fs = 4
ASRF = 101 n = FS/fs = 5
ASRF = 110 n = FS/fs = 6
ASRF = 111 n = FS/fs = 7
ASRF = 000 n = FS/fs = 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com