Electronic Components Datasheet Search
  English  ▼

X  

XC9501 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC9501
Description  2ch.Step-Up/Up DC/DC Controller ICs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9501 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC9501 Datasheet HTML 9Page - Torex Semiconductor XC9501 Datasheet HTML 10Page - Torex Semiconductor XC9501 Datasheet HTML 11Page - Torex Semiconductor XC9501 Datasheet HTML 12Page - Torex Semiconductor XC9501 Datasheet HTML 13Page - Torex Semiconductor XC9501 Datasheet HTML 14Page - Torex Semiconductor XC9501 Datasheet HTML 15Page - Torex Semiconductor XC9501 Datasheet HTML 16Page - Torex Semiconductor XC9501 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13/27
XC9501
Series
■
EXTERNAL COMPONENTS
Circuit 1, Circuit 2, and Circuit 3
L1, L2 : 47μH (CDRH5D28, SUMIDA)
: XC9501B091A
22μH (CDRH5D28, SUMIDA)
: XC9501B092A
15μH (CDRH5D28, SUMIDA)
: XC9501B093A
10μH (CDRH5D28, SUMIDA)
: XC9501B095A
SD1, SD2 : CRS02 (Schottky diode, TOSHIBA)
EC10QS06 (Schottky diode, NIHON INTER)
CL1, CL2 : 16MCE476MD2 (Tantalum, NIHON CHEMICON)
35MCE335MB2 (Tantalum, NIHON CHEMICON)
CIN : 16MCE476MD2 (Tantalum, NIHON CHEMICON)
NPN Tr1, 2: 2SA1628 (SANYO)
CPH3215 (SANYO)
CPH3210 (SANYO)
RFB : Please use by the conditions as below.
RFB11 + RFB12 ≦ 1MΩ
RFB21 + RFB22 ≦ 1MΩ
RFB11 / RFB12 = (Setting Output Voltage / 0.9) -1
RFB21 / RFB22 = (Setting Output Voltage / 0.9) -1
CFB : Please adjust as below:
fzfb=1/(2×π×CFB1×RFB11) = 1kHz ~50kHz ( 12kHz usual)
fzfb=1/(2×π×CFB2×RFB21) = 1kHz ~50kHz ( 12kHz usual)
Circuit 6 and Circuit 9
L1, L2 : 47μH (CDRH5D28, SUMIDA)
: XC9501B091A
22μH (CDRH5D28, SUMIDA)
: XC9501B092A
15μH (CDRH5D28, SUMIDA)
: XC9501B093A
10μH (CDRH5D28, SUMIDA)
: XC9501B095A
SD1, SD2: MA2Q737 (Schottky diode, MATSUSHITA)
CL1, CL2 : 16MCE476MD2 (Tantalum, NIHON CHEMICON)
CIN : 16MCE476MD2 (Tantalum, NIHON CHEMICON)
N-ch MOSFET1 : XP161A1355P (TOREX)
Circuit 5 and Circuit 8
L1, L2 : 22μH (CDRH5D28, SUMIDA)
SD1, SD2 : MA2Q737 (Schottky diode, MATSUSHITA)
CL1, CL2 : 16MCE476MD2 (Tantalum, NIHON CHEMICON)
CIN : 16MCE476MD2 (Tantalum, NIHON CHEMICON)
N-ch MOSFET1 : XP161A1355P (TOREX)
1. PWM/PFM Automatic Switching
If PWM/PFM automatic switching control is selected and the step-up ratio is low (e.g., from 4.5 V to 5.0 V), the
control mode remains in PFM setting over the whole load range, since the duty ratio under continuous-duty
condition is smaller than the PFM duty ratio of the XC9501 series. The output voltage's ripple voltage becomes
substantially high under heavy load conditions, with the XC9501 series appearing to be producing an abnormal
oscillation. If this operation becomes a concern, set pins PWM to High to set the control mode to PWM setting.
For use under the above-mentioned condition, measured data of PWM/PFM automatic switching control shown
on the data sheets are available up to IOUT = 100 mA.
2. Ratings
Use the XC9501 series and peripheral components within the limits of their ratings.
■
NOTES ON USE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com