Electronic Components Datasheet Search
  English  ▼

X  

TLV809 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV809
Description  3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV809 Datasheet(HTML) 3 Page - Texas Instruments

  TLV809 Datasheet HTML 1Page - Texas Instruments TLV809 Datasheet HTML 2Page - Texas Instruments TLV809 Datasheet HTML 3Page - Texas Instruments TLV809 Datasheet HTML 4Page - Texas Instruments TLV809 Datasheet HTML 5Page - Texas Instruments TLV809 Datasheet HTML 6Page - Texas Instruments TLV809 Datasheet HTML 7Page - Texas Instruments TLV809 Datasheet HTML 8Page - Texas Instruments TLV809 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TLV810M, TLV810R
TLV810S, TLV810Z
www.ti.com
SBVS158A
– APRIL 2011 – REVISED JUNE 2011
RECOMMENDED OPERATING CONDITIONS
At specified temperature range (unless otherwise noted).
MIN
MAX
UNIT
VDD
Supply voltage
1.1
6
V
TA
Operating free-air temperature range
–40
+125
°C
ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 2.0 V to 6 V, IOH = –500 µA
VDD – 0.2
VDD = 3.3 V, IOH = –2 mA
VDD – 0.4
V
VOH
High-level output voltage
VDD = 6 V, IOH = –4 mA, TA = –40°C to +85°C
VDD – 0.4
VDD = 6 V, IOH = –4 mA, TA = +85°C to +125°C
VDD – 0.5
VDD = 2.5 V to 6 V, IOL = 500 µA
0.2
VOL
Low-level output voltage
VDD = 3.3 V, IOL = 2 mA
0.4
V
VDD = 6 V, IOL = 4 mA
0.4
Power-up reset voltage(1)
VOH ≥ VDD – 0.2 V, IOH = –50 µA
1.1
V
TLV810Z
2.20
2.25
2.30
TLV810R
2.58
2.64
2.70
Negative-going input
VIT–
V
threshold voltage(2)
TLV810S
2.87
2.93
2.99
TLV810M
4.28
4.38
4.48
TLV810Z
30
TLV810R
35
Vhys
Hysteresis
IOH = –50 µA, TA = +25°C
mV
TLV810S
40
TLV810M
60
VDD = 2 V, output unconnected
9
15
IDD
Supply current
µA
VDD = 6 V, output unconnected
20
30
(1)
The lowest supply voltage at which RESET becomes valid. tr, VDD ≤ 66.7 ms/V.
(2)
To ensure best stability of the threshold voltage, a bypass capacitor ( 0.1-
µF ceramic) should be placed near the supply terminals.
Copyright
© 2011, Texas Instruments Incorporated
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com