Electronic Components Datasheet Search
  English  ▼

X  

XC9104D092ML Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9104D092ML
Description  Ceramic Capacitor Compatible, Step-up DC/DC Controllers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9104D092ML Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9104D092ML Datasheet HTML 1Page - Torex Semiconductor XC9104D092ML Datasheet HTML 2Page - Torex Semiconductor XC9104D092ML Datasheet HTML 3Page - Torex Semiconductor XC9104D092ML Datasheet HTML 4Page - Torex Semiconductor XC9104D092ML Datasheet HTML 5Page - Torex Semiconductor XC9104D092ML Datasheet HTML 6Page - Torex Semiconductor XC9104D092ML Datasheet HTML 7Page - Torex Semiconductor XC9104D092ML Datasheet HTML 8Page - Torex Semiconductor XC9104D092ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2/23
XC9103/XC9104/XC9105 Series
PIN NUMBER
SOT-25
USP-6B
PIN NAME
FUNCTION
1
6
FB
Output Resistor Connection
2
2
VDD
Supply Voltage
CE
Chip Enable
3
4
CE (/PWM)
Serves as both PWM/PFM switching pin and CE pin for XC9105
4
3
GND
Ground
5
1
EXT
External Transistor Connection
-
5
NC
No Connection
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
B
: With current limiter (180kHz, 300kHz only)
①
Type of DC/DC Controller
D
: Without current limiter
② ③
Output Voltage
09
: FB voltage (e.g. FB Voltage=0.9V→②=0, ③=9)
3
: 300kHz
1
: 100kHz
2
: 180kHz
④
Oscillation Frequency
5
: 500kHz
M
: SOT-25 (SOT-23-5)
⑤
Package
D
: USP-6B
R
: Embossed tape, standard feed
⑥
Device Orientation
L
: Embossed tape, reverse feed
■PIN CONFIGURATION
■PIN ASSIGNMENT
■ PRODUCT CLASSIFICATION
●Ordering Information
XC9103①②③④⑤⑥: PWM Control
XC9104①②③④⑤⑥: PWM/PFM Automatic Switching Control
XC9105①②③④⑤⑥: PWM/PFM Manual Switching Control
The dissipation pad for the USP-6B
package should be solder-plated in
recommended mount pattern and metal
masking so as to enhance mounting
strength and heat release.
If the pad needs to be connected to other
pins, it should be connected to the VDD
(No.2) pin.
FB 6
NC 5
CE 4
1 EXT
2 VDD
3 GND
(TOP VIEW)
FB
VDD
CE
GND
EXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com