Electronic Components Datasheet Search
  English  ▼

X  

SFH4500 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH4500
Description  Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4500 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH4500 Datasheet HTML 1Page - OSRAM GmbH SFH4500 Datasheet HTML 2Page - OSRAM GmbH SFH4500 Datasheet HTML 3Page - OSRAM GmbH SFH4500 Datasheet HTML 4Page - OSRAM GmbH SFH4500 Datasheet HTML 5Page - OSRAM GmbH SFH4500 Datasheet HTML 6Page - OSRAM GmbH SFH4500 Datasheet HTML 7Page - OSRAM GmbH SFH4500 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SFH 4500, SFH 4505
2008-01-14
3
Kennwerte (T
A = 25 °C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Wellenlänge der Strahlung
Wavelength of peak emission
I
F = 100 mA, tp = 20 ms
λ
peak
950
nm
Spektrale Bandbreite bei 50% von
I
max
Spectral bandwidth at 50% of
I
max
I
F = 100 mA, tp = 20 ms
∆λ
40
nm
Abstrahlwinkel
Half angle
ϕ
± 10
Grad
deg.
Aktive Chipfläche
Active chip area
A
0.09
mm
2
Abmessungen der aktiven Chipfläche
Dimension of the active chip area
L × B
L × W
0.3
× 0.3
mm²
Schaltzeiten, I
e von 10% auf 90% und
von 90% auf 10%
Switching times, I
e from 10% to 90% and
from 90% to 10%
I
F = 100 mA, tP = 20 ms, RL = 50 Ω
t
r, tf
10
ns
Kapazität
Capacitance
V
R = 0 V, f = 1 MHz
C
o
35
pF
Durchlassspannung
Forward voltage
I
F = 100 mA, tp = 20 ms
I
F = 1 A, tp = 100 µs
V
F
V
F
1.5
(≤ 1.8)
3.2
(≤ 4.3)
V
V
Sperrstrom
Reverse current
V
R = 3 V
I
R
0.01 (
≤ 10)
µA
Gesamtstrahlungsfluss
Total radiant flux
I
F = 100 mA, tp = 20 ms
Φ
e
40
mW
Temperaturkoeffizient von I
e bzw. Φe
Temperature coefficient of I
e or Φe
I
F = 100 mA
TC
I
– 0.44
%/K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com