Electronic Components Datasheet Search
  English  ▼

X  

KMXP2002. Datasheet(PDF) 8 Page - TE Connectivity Ltd

Part # KMXP2002.
Description  Anisotropic Magneto-Resistive (AMR) Linear Position Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

KMXP2002. Datasheet(HTML) 8 Page - TE Connectivity Ltd

  KMXP2002. Datasheet HTML 1Page - TE Connectivity Ltd KMXP2002. Datasheet HTML 2Page - TE Connectivity Ltd KMXP2002. Datasheet HTML 3Page - TE Connectivity Ltd KMXP2002. Datasheet HTML 4Page - TE Connectivity Ltd KMXP2002. Datasheet HTML 5Page - TE Connectivity Ltd KMXP2002. Datasheet HTML 6Page - TE Connectivity Ltd KMXP2002. Datasheet HTML 7Page - TE Connectivity Ltd KMXP2002. Datasheet HTML 8Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
KMXP
LINEAR POSITION SENSOR
SENSOR SOLUTIONS /// KMXP Linear Position Sensor
05/2018
Page 8
ORDERING CODES
Part Number
Part Description
Pole Pitch
G-MRCO-051
KMXP1000 MLS 1MM PITCH DFN
1 mm
G-MRCO-050
KMXP2000 MLS 2MM PITCH DFN
2 mm
G-MRCO-052
KMXP5000 MLS 5MM PITCH DFN
5 mm
G-MRCO-055
KMXP1002 1MM PITCH VERTICAL
1 mm
G-MRCO-056
KMXP2002 2MM PITCH VERTICAL
2 mm
G-MRCO-057
KMXP5002 5MM PITCH VERTICAL
5 mm
TE.com/sensors
Measurement Specialties, TE Connectivity, TE Connectivity (logo) and EVERY CONNECTION COUNTS are trademarks. All other logos, products and/or company names referred to herein
might be trademarks of their respective owners.
The information given herein, including drawings, illustrations and schematics which are intended for illustration purposes only, is believed to be reliable. However, TE Connectivity makes
no warranties as to its accuracy or completeness and disclaims any liability in connection with its use. TE Connectivity‘s obligations shall only be as set forth in TE Connectivity‘s Standard
Terms and Conditions of Sale for this product and in no case will TE Connectivity be liable for any incidental, indirect or consequential damages arising out of the sale, resale, use or misuse
of the product. Users of TE Connectivity products should make their own evaluation to determine the suitability of each such product for the specific application.
© 2018 TE Connectivity Ltd. family of companies All Rights Reserved.
NORTH AMERICA
Measurement Specialties, Inc.,
a TE Connectivity Company
Phone: +1-800-522-6752
Email: customercare.hmpt@te.com
EUROPE
MEAS Deutschland GmbH (Europe)
a TE Connectivity Company
Phone: +31 73 624 6999
Email: customercare.dtmd@te.com
ASIA
Measurement Specialties (China), Ltd.,
a TE Connectivity Company
Phone: +86-400-820-6015
Email: customercare.shzn@te.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com