Electronic Components Datasheet Search
  English  ▼

X  

XC9502 Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC9502
Description  2ch. Step-up / down DC/DC Controller ICs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9502 Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC9502 Datasheet HTML 6Page - Torex Semiconductor XC9502 Datasheet HTML 7Page - Torex Semiconductor XC9502 Datasheet HTML 8Page - Torex Semiconductor XC9502 Datasheet HTML 9Page - Torex Semiconductor XC9502 Datasheet HTML 10Page - Torex Semiconductor XC9502 Datasheet HTML 11Page - Torex Semiconductor XC9502 Datasheet HTML 12Page - Torex Semiconductor XC9502 Datasheet HTML 13Page - Torex Semiconductor XC9502 Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
10/43
XC9502 Series
Circuit ①, ②
L1, L2:
22μH (CDRH5D28, SUMIDA)
: XC9502B092A
15μH (CDRH5D28, SUMIDA)
: XC9502B093A
10μH (CDRH5D28, SUMIDA)
: XC9502B095A
SD1, SD2:
CRS02 (Schottky diode, TOSHIBA)
EC10QS06 (Schottky diode, NIHON INTER)
CL1, CL2:
16MCE476MD2 (Tantalum, NIHON CHEMICON)
35MCE335MB2 x 3 (Tantalum, NIHON CHEMICON)
CIN:
16MCE476MD2 (Tantalum, NIHON CHEMICON)
NPN Tr1:
2SD1628 (SANYO)
PNP Tr1:
2SA1213 (TOSHIBA)
RFB:
Please use by the conditions as below:
RFB11 + RFB12 < 1M
Ω
RFB21 + RFB22 < 1M
Ω
RFB11 / RFB12 = (Setting output voltage / 0.9) - 1
VOUT2= (0.9 – VOUT1) x (RFB21/RFB22) + 0.9V
CFB:
Please adjust as below:
fxfb=1/(2 x
π x CFB1 x RFB11) = 1kHz ~ 50kHz (12kHz usual)
fxfb=1/(2 x
π x CFB2 x RFB21) = 1kHz ~ 50kHz (12kHz usual)
Circuit ④
L1:
22μH (CDRH5D28, SUMIDA)
SD1:
MA2Q737 (Schottky diode, MATSUSHITA)
CL1:
16MCE476MD2 (Tantalum, NIHON CHEMICON)
CIN:
16MCE476MD2 (Tantalum, NIHON CHEMICON)
N-ch MOSFET1:
XP161A1355P (TOREX)
Circuit ⑤
L1:
22μH (CDRH5D28, SUMIDA)
: XC9502B092A
15μH (CDRH5D28, SUMIDA)
: XC9502B093A
10μH (CDRH5D28, SUMIDA)
: XC9502B095A
SD1:
MA2Q737 (Schottky diode, MATSUSHITA)
CL1:
16MCE476MD2 (Tantalum, NIHON CHEMICON)
CIN:
16MCE476MD2 (Tantalum, NIHON CHEMICON)
N-ch MOSFET1:
XP161A1355P (TOREX)
Circuit ⑦
L1:
22μH (CDRH5D28, SUMIDA)
SD1:
MA2Q737 (Schottky diode, MATSUSHITA)
CL1:
16MCE476MD2 (Tantalum, NIHON CHEMICON)
CIN:
16MCE476MD2 (Tantalum, NIHON CHEMICON)
P-ch MOSFET2:
XP162A12A6P (TOREX)
Circuit ⑧
L2:
22μH (CDRH5D28, SUMIDA)
: XC9502B092A
15μH (CDRH5D28, SUMIDA)
: XC9502B093A
10μH (CDRH5D28, SUMIDA)
: XC9502B095A
SD2:
MA2Q737 (Schottky diode, MATSUSHITA)
CL2:
16MCE476MD2 (Tantalum, NIHON CHEMICON)
CIN:
16MCE476MD2 (Tantalum, NIHON CHEMICON)
P-ch MOSFET2:
XP162A12A6P (TOREX)
■EXTERNAL COMPONENTS USED FOR TEST CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com