Electronic Components Datasheet Search
  English  ▼

X  

ST72F321BJ7T6 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST72F321BJ7T6
Description  64/44-pin 8-bit MCU with 32 to 60K Flash/ROM, ADC, five timers, SPI, SCI, I2C interface
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F321BJ7T6 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST72F321BJ7T6 Datasheet HTML 9Page - STMicroelectronics ST72F321BJ7T6 Datasheet HTML 10Page - STMicroelectronics ST72F321BJ7T6 Datasheet HTML 11Page - STMicroelectronics ST72F321BJ7T6 Datasheet HTML 12Page - STMicroelectronics ST72F321BJ7T6 Datasheet HTML 13Page - STMicroelectronics ST72F321BJ7T6 Datasheet HTML 14Page - STMicroelectronics ST72F321BJ7T6 Datasheet HTML 15Page - STMicroelectronics ST72F321BJ7T6 Datasheet HTML 16Page - STMicroelectronics ST72F321BJ7T6 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 187 page
background image
13/187
Notes:
1. In the interrupt input column, “eiX” defines the associated external interrupt vector. If the weak pull-up
column (wpu) is merged with the interrupt column (int), then the I/O configuration is pull-up interrupt input,
else the configuration is floating interrupt input.
2. In the open drain output column, “T” defines a true open drain I/O (P-Buffer and protection diode to VDD
are not implemented). See See “I/O PORTS” on page 46. and Section 12.8 I/O PORT PIN CHARACTER-
ISTICS for more details.
3. OSC1 and OSC2 pins connect a crystal/ceramic resonator, or an external source to the on-chip oscil-
lator; see Section 1 DESCRIPTION and Section 12.5 CLOCK AND TIMING CHARACTERISTICS for
more details.
4. On the chip, each I/O port may have up to 8 pads:
– Pads that are not bonded to external pins are forced by hardware in input pull-up configuration after re-
set. The configuration of these pads must be kept at reset state to avoid added current consumption.
5.
Pull-up always activated on PE2 see limitation Section 15.1.8.
6.
It is mandatory to connect all available VDD and VREF pins to the supply voltage and all VSS and VSSA
pins to ground.
48
33
-
VSS_1
S
Digital Ground Voltage
49
34
17
PA4 (HS)
I/O CT HS
X
XX
X
Port A4
50
35
-
PA5 (HS)
I/O CT HS
X
XX
X
Port A5
51
36
18
PA6 (HS)/SDAI
I/O CT HS
X
TPort A6
I2C Data 1)
52
37
19
PA7 (HS)/SCLI
I/O CT HS
X
TPort A7
I2C Clock 1)
53
38
20
VPP/ ICCSEL
I
Must be tied low. In flash program-
ming mode, this pin acts as the pro-
gramming voltage input VPP. See
Section 12.9.2 for more details. High
voltage must not be applied to ROM
devices
54
39
21
RESET
I/O CT
Top priority non maskable interrupt.
55
-
-
EVD
External voltage detector
56
-
-
TLI
I
CT
X
Top level interrupt input pin
57
40
22
VSS_2
S
Digital Ground Voltage
58
41
23
OSC23)
I/O
Resonator oscillator inverter output
59
42
24
OSC13)
I
External clock input or Resonator os-
cillator inverter input
60
43
25
VDD_2
S
Digital Main Supply Voltage
61
44
26
PE0/TDO
I/O CT
X
X
X
X
Port E0
SCI Transmit Data Out
62127
PE1/RDI
I/O CT
X
X
X
X
Port E1
SCI Receive Data In
63
-
-
PE2
I/O CT
X
X5) X5) Port E2
64
-
-
PE3
I/O CT
X
XX
X
Port E3
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com