Electronic Components Datasheet Search
  English  ▼

X  

FWFTV Datasheet(PDF) 2 Page - Amphenol PCD, Inc

Part # FWFTV
Description  2004IEEE 1394 Connection Systemfor Harsh EnvironmentsTransform
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

FWFTV Datasheet(HTML) 2 Page - Amphenol PCD, Inc

  FWFTV Datasheet HTML 1Page - Amphenol PCD, Inc FWFTV Datasheet HTML 2Page - Amphenol PCD, Inc FWFTV Datasheet HTML 3Page - Amphenol PCD, Inc FWFTV Datasheet HTML 4Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Amphenol ®
Amphenol Pcd – 2 Technology Drive – Peabody – Massachussetts – 01960 USA
Tel. :+ 1 978-532-8800 x273
Fax : + 1 978-532-680
www.fwfield.com
Main
Main Characteristics
Characteristics
Environmental Protection
• Sealing (mated) : IP67 (Temporary immersion - 1M up to 30
minutes)
• Salt Spray :
48 hr with Nickel plating
500 hr with Olive Drab Cadmium
• Fire Retardant / Low Smoke : UL94 V0 and NF F 16 101 & 16 102
• Vibrations : 10 – 500 Hz, 10 g, 3 axes : no discontinuity > 1micro s
• Shocks : IK06 : weight of 250 g drop from 40 cm [15.75 in] onto
connectors (mated pair)
• Humidity : 21 days, 43°C, 98% humidity
• Temperature Range : - 55°C / +85°C
Data Transmission
• IEEE 1394a – 2000
Data rate
400 Mbits/second over 4.5 meters
Mechanical
• Tri-start thread coupling mechanism (MIL-DTL-38999
series III type) with anti-decoupling device
•FW plug retention in the receptacle : 100 N in the axis
• Mating cycles : 500 to 1500 times
Can be used with most IEEE 1394 cordset brands : No tools required!
Assembly Instructions
1.
If a fully sealed (IP67) assembly is required: Install the
white tape around the plug to cover the 4 holes of the
overmolding. If there are no holes omit this step.
2.
Insert the black O Ring around the front face of the IEEE
1394 plug. This O Ring will ensure the seal.
3.
Insert the IEEE 1394 cordset into the metallic backshell.
4.
Insert laterally onto the cable the retention spacer (this
spacer is soft so as to adapt to various overmolding styles)
and slide the IEEE 1394 plug into this retention spacer.
5.
Insert the friction ring laterally onto the cable cordset.
6.
Insert the IEEE 1394 plug into the metallic circular shell.
Note at this step that the main key is used for polarization.
7.
Screw the backshell on the plug body. A spanner may be
required to fully close the backshell to the circular shell.
Important Note : The sealing of the connector is not done by the
black retention spacers which are sloted, but rather by the
front face O-Ring (Fig 2).
Plug Assembly
Receptacle Assembly
(For Solder back-termination Styles only)
To Solder your cable onto the PCB :
1.
Attach the 2 metallized plastic inserts around the PCB
(Fig 1a & 1b).
2.
Insert the IEEE 1394 module from the rear of the
connector.
1
2
3
4
5
6
7
1
2
1a
1b
2
Removing Modules
1.
Insert the removal tool FWF
ODE from the front
2.
Push the module back with
thumb.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com