Electronic Components Datasheet Search
  English  ▼

X  

3548 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 3548
Description  DIY HDMI Cable Parts - Straight HDMI Plug Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3548 Datasheet(HTML) 1 Page - Adafruit Industries

  3548 Datasheet HTML 1Page - Adafruit Industries 3548 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
DIY HDMI Cable Parts - Straight HDMI
Plug Adapter
PRODUCT ID: 3548 
 
 
 
 
Description
If you love DIY cable‐rigging, then these HDMI adapters are right up your alley! Making custom HDMI 
cables has never been easier. Just grab one of our HDMI ribbon cables, then swap and switch any of our 
HDMI adapters on each end using the flex cable clips. There are options a‐plenty! 
This version is a straight HDMI plug. 
Ribbon cable and other adapter not included! Check out all of the options we have in the shop to craft 
your very own custom cable. 
We tested out these DIY cable kits with a Raspberry Pi at 1080P and they worked great but note that 
they are not going to be as durable or shielded as ready‐made cables. 


Similar Part No. - 3548

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3548 POMONA-3548 Datasheet
24Kb / 1P
Miniature Banana Jack To Solderless Pin Tip Plug With Safety Collar
logo
Bourns Electronic Solut...
3548 BOURNS-3548 Datasheet
414Kb / 4P
5-Turn Precision Potentiometer
logo
3M Electronics
3548 3M-3548 Datasheet
24Kb / 1P
Miniature Banana Jack To Solderless Pin Tip Plug With Safety Collar
09-Jun-1999
logo
ASM GmbH
3548 ASM-SENSOR-3548 Datasheet
3Mb / 12P
Benutzerfreundlich. Exzellente Genauigkeit
logo
Heyco.
3548 HEYCO-3548 Datasheet
134Kb / 1P
Heyco® Nylon Liquid Tight Threaded Plugs
More results

Similar Description - 3548

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
687860007 MOLEX2-687860007 Datasheet
152Kb / 2P
MICRO HDMI TO HDMI A RECP ADAPTER
logo
Tripp Lite. All Rights ...
P130000 TRIPPLITE-P130000 Datasheet
504Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132000 TRIPPLITE-P132000 Datasheet
501Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F-M)
P142000MINI TRIPPLITE-P142000MINI Datasheet
493Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F-M)
logo
Molex Electronics Ltd.
0687860007 MOLEX1-0687860007_18 Datasheet
32Kb / 1P
Micro HDMI Plug-to-HDMI Receptacle Adapter Cable, CAT 2, 32 AWG, 0.20m, Lead- Free
logo
Tripp Lite. All Rights ...
P130-000 TRIPPLITE-P130-000 Datasheet
165Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132-000 TRIPPLITE-P132-000 Datasheet
168Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F/M)
P142-000-MINI TRIPPLITE-P142-000-MINI Datasheet
161Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F/M)
logo
IOGEAR
GMDPHDW6 IOGEAR-GMDPHDW6 Datasheet
143Kb / 3P
Mini DisplayPort to HDMI Adapter Cable
logo
CUI Devices
HD03-19-P-FR CUID-HD03-19-P-FR Datasheet
560Kb / 4P
HDMI PLUG
08/05/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com