Electronic Components Datasheet Search
  English  ▼

X  

3625 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3625
Description  ADAFRUIT 1.54" TRI-COLOR EINK / EPAPER DISPLAY WITH SRAM - RED BLACK WHITE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3625 Datasheet(HTML) 2 Page - Adafruit Industries

  3625 Datasheet HTML 1Page - Adafruit Industries 3625 Datasheet HTML 2Page - Adafruit Industries 3625 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
We're starting with this small 1.54" tri-color display. It has 152x152 black and
red ink pixels and a white-ish background. Using our Arduino library, you can
create a 'frame buffer' with what pixels you want to have activated and then
write that out to the display. Most simple breakouts leave it at that. But if you do
the math, 152 x 152 pixels x 2 colors = 5.7 KBytes. Which won't fit into many
microcontroller memories. Heck, even if you do have 32KB of RAM, why waste
6KB?
So we did you a favor and tossed a small SRAM chip on the back. This chip
shares the SPI port the eInk display uses, so you only need one extra pin. And,
no more frame-buffering! You can use the SRAM to set up whatever you want to
display, then shuffle data from SRAM to eInk when you're ready. The library we
wrote does all the work for you, you can just interface with it as if it were an
Adafruit_GFX compatible display.
For ultra-low power usages, the onboard 3.3V regulator has the Enable pin
brought out so you can shut down the power to the SRAM, MicroSD and display.
We even tossed on a MicroSD socket so you can store images, text files,
whatever you like to display. Everything is 3 or 5V logic safe so you can use it
with any and all microcontrollers.
Comes assembled and tested, with some header. You'll need a soldering iron to
attach the header for breadboarding or installing into your project.
TECHNICAL DETAILS
Product Dimensions: 43.6mm x 43.0mm x 5.0mm / 1.7" x 1.7" x 0.2"
Product Weight: 9.0g / 0.3oz
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com