Electronic Components Datasheet Search
  English  ▼

X  

3632 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3632
Description  Adafruit Joy FeatherWing for all Feathers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3632 Datasheet(HTML) 2 Page - Adafruit Industries

  3632 Datasheet HTML 1Page - Adafruit Industries 3632 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
There's an optional IRQ (interrupt) line that you can use if you'd like the Wing to let you know when a 
button has been pressed. Since its optional (and most Feathers are perfectly happy polling the Wing for 
data) we left a bunch of solder jumpers so you can select what pin has the IRQ on it. Or just leave it 
disconnected! 
We have an Adafruit Seesaw library for Arduino, Python and CircuitPython so you can get started with 
the Joy FeatherWing in a jiffy. 
Comes with one assembled and programmed Wing, and two pieces of 0.1" header. Some soldering is 
required to attach the headers to the FeatherWing. 
Technical Details
Uses I2C address 0x49 ‐ can be changed to 0x4A, 0x4B or 0x4C 
Product Dimensions: 50.0mm x 23.0mm x 14.5mm / 2.0" x 0.9" x 0.6"  
Product Weight: 7.3g / 0.3oz  
 
 
 
 
 
 
                                                  https://www.adafruit.com/product/3632 10‐17‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com