Electronic Components Datasheet Search
  English  ▼

X  

3671 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3671
Description  Adafruit CSI or DSI Cable Extender Thingy for Raspberry Pi
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3671 Datasheet(HTML) 2 Page - Adafruit Industries

  3671 Datasheet HTML 1Page - Adafruit Industries 3671 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DESCRIPTION
Every time someone posts on the Adafruit forums and says they need to have a
really long cable for their Pi Camera (CSI) or Pi Display (DSI), we say, "Oh you
mean like some sort of CSI/DSI cable extender thingy? Yeah we don't have one
of those in stock yet" But that time is over! Now we can say, "Yes we have
a CSI/DSI Cable Extender Thingy in stock!" And we point them here.
This Thingy is very simple, it lets you connect two 15-pin 1.0mm pitch cables
end-to-end and extend the length. It does the funky pin rearranging and all for
you, so just snap those two cables in. Carefully pry the two ears of the
connectors, plug the cables with contacts pointing up, and then push the ears
back in for a solid connection.
In
theory, the CSI/DSI interface isn't meant for super long cables, and you're
not
supposed to extend them. But we laugh in the face of theory. We connected
two 1 meter long extension cables using this Thingy and our Display and
Camera worked! But, just so you know, it's really not guaranteed: CSI/DSI are
meant for maybe 25cm max length.
For use with classic 15-pin 1.0mm pitch flex cables, does not fit the Pi Zero's
skinny CSI connector. For that you'll need to use an adapter first!
TECHNICAL DETAILS
Product Dimensions: 25.0mm x 17.0mm x 4.2mm / 1.0" x 0.7" x 0.2"
Product Weight: 2.5g / 0.1oz
                                                           https://www.adafruit.com/product/3671 11‐11‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com