Electronic Components Datasheet Search
  English  ▼

X  

3695 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3695
Description  Adafruit DragonTail for micro:bit - Fully Assembled
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3695 Datasheet(HTML) 2 Page - Adafruit Industries

  3695 Datasheet HTML 1Page - Adafruit Industries 3695 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The BBC micro:bit is a cute, all-in-one learning board, with LEDs, sensors, and
even a Bluetooth LE radio built in. What it
doesn't have is a set of 0.1" headers,
for breadboard compatibility. Instead, there's a PCB 'card edge' connector that
can slot into a matching socket. Now, if you want to hook up a servo, some
NeoPixels, or some other simple component, you could use our alligator-to-
header cables, and that will let you connect one or two parts to the power and
P0, P1 or P2 pads. But...those alligator clips can slip around, and you don't get
access to some of the more fun i/o pins, like I2C.
So, we made the Adafruit DragonTail for micro:bit. This breakout board has the
card-edge connector for your micro:bit, and then breaks out all the pads so that
it can be plugged in to any solderless breadboard. You even get two pads for
the power railing! It comes fully assembled - no soldering required. And every
pad is clearly labeled: by name, if it has an analog input, and when it is shared
with the LED matrix.
Would you expect any less from your friendly pet dragon?
PCB Dimensions:
57mm x 53.5mm x 19mm / 2.2" x 2.1" / 0.7"
Width of T: 10.2mm / 0.4"
Weight: 18.2g / 0.72oz
Product Weight: 18.2g / 0.6oz
 
                                                  https://www.adafruit.com/product/3695 3‐23‐8 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com