Electronic Components Datasheet Search
  English  ▼

X  

3848 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3848
Description  5V 1.8A Isolated Output PoE Module Works with Raspberry Pi 3 B
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3848 Datasheet(HTML) 2 Page - Adafruit Industries

  3848 Datasheet HTML 1Page - Adafruit Industries 3848 Datasheet HTML 2Page - Adafruit Industries 3848 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
If you don't have access to those pins, but can power your board or computer
with a micro USB cable, check out our 5V microUSB PoE Splitter. It's bigger and
more expensive but really easy to use Great for older Raspberry Pi's (not the 3
B+), Feathers, etc)
We also have an non-isolated version of this module, when you don't need
electrical separation.
TECHNICAL DETAILS
To use:
1. Connect pins 1 and 2 to Ethernet wires 4 and 5
2. Connect pins 3 and 4 to Ethernet wires 7 and 8
3. Pin labeled (-) is ground output
4. Pin labeled (+) is 5V out
•
Input Voltage range: 42 to 55 VDC (48V nominal)
•
Output Voltage range: 4.75 to 5.25V (5V nominal)
•
Output current: 1.8A nominal
•
Efficiency: 80%
Appearance-
•
This may come with 4 or 6 pins soldered in.
•
Module Datasheet



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com